Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F062 Datasheet(PDF) 52 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button C8051F062 Datasheet HTML 48Page - Silicon Laboratories C8051F062 Datasheet HTML 49Page - Silicon Laboratories C8051F062 Datasheet HTML 50Page - Silicon Laboratories C8051F062 Datasheet HTML 51Page - Silicon Laboratories C8051F062 Datasheet HTML 52Page - Silicon Laboratories C8051F062 Datasheet HTML 53Page - Silicon Laboratories C8051F062 Datasheet HTML 54Page - Silicon Laboratories C8051F062 Datasheet HTML 55Page - Silicon Laboratories C8051F062 Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
52
Rev. 1.2
Figure 5.2. 16-bit ADC0 and ADC1 Data Path Diagram
5.1.
Single-Ended or Differential Operation
ADC0 and ADC1 can be programmed to operate independently as single-ended ADCs, or together to
accept a differential input. In single-ended mode, the ADCs can be configured to sample simultaneously, or
to use different conversion speeds. In differential mode, ADC1 is a slave to ADC0, and its configuration is
based on ADC0 settings, except during offset or gain calibrations. The DIFFSEL bit in the Channel Select
Register AMX0SL (Figure 5.6) selects between single-ended and differential mode.
5.1.1. Pseudo-Differential Inputs
The inputs to the ADCs are pseudo-differential. The actual voltage measured by each ADC is equal to the
voltage between the AINn pin and the AINnG pin. AINnG must be a DC signal between -0.2 and 0.6 V. In
most systems, AINnG will be connected to AGND. If not tied to AGND, the AINnG signal can be used to
negate a limited amount of fixed offset, but it is recommended that the internal offset calibration features of
the device be used for this purpose. When operating in differential mode, AIN0G and AIN1G should be tied
together. AINn must remain above AINnG in both modes for accurate conversion results.
16
AIN0
16-Bit
SAR
ADC0
AMX0SL
16
AIN1
16-Bit
SAR
ADC1
ADC0H
ADC0L
ADC1H
ADC1L
8
8
0
1
8
8
Single-Ended
Differential
ADC0LTL
ADC0LTH
ADC0GTL
ADC0GTH
32
16
AD0WINT
Window
Compare
16
DMA
Interface
Σ
+
-
AIN0G
AIN1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com