Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102DDFR Datasheet(PDF) 15 Page - Texas Instruments

Part # LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 11Page - Texas Instruments LSF0102DDFR Datasheet HTML 12Page - Texas Instruments LSF0102DDFR Datasheet HTML 13Page - Texas Instruments LSF0102DDFR Datasheet HTML 14Page - Texas Instruments LSF0102DDFR Datasheet HTML 15Page - Texas Instruments LSF0102DDFR Datasheet HTML 16Page - Texas Instruments LSF0102DDFR Datasheet HTML 17Page - Texas Instruments LSF0102DDFR Datasheet HTML 18Page - Texas Instruments LSF0102DDFR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
8.2.1.3 Application Curve
Figure 8-3. Open Drain Translation (1.8V to 3.3V at 2.5MHz)
8.2.2 Mixed-Mode Voltage Translation
The supply voltage (VPU) for each channel can be individually set with a pull-up resistor. Figure 8-4 shows an
example of this mixed-mode multi-voltage translation. For additional details on multi-voltage translation, see the
Multi-voltage Translation with the LSF Family video.
With the Vref_B pulled up to 5V and Vref_A connected to 1.8V, all channels will be clamped to 1.8V at which point
a pullup can be used to define the high level voltage for a given channel.
• Push-Pull Down Translation (5V to 1.8V): Channel 1 is an example of this setup. When B1 is 5V, A1 is
clamped to 1.8V, and when B1 is LOW, A1 is driven LOW through the switch.
• Push-Pull Up Translation (1.8V to 5V): Channel 2 is an example of this setup. When A2 is 1.8V, the switch
is high impedance and the B2 channel is pulled up to 5V. When A2 is LOW, B2 is driven LOW through the
switch.
• Push-Pull Down Translation (3.3V to 1.8V): Channels 3 and 4 are examples of this setup. When either B3
or B4 are driven to 3.3V, A3 or A4 are clamped to 1.8V, and when either B3 or B4 are LOW, A3 or A4 are
driven LOW through the switch.
• Open-Drain Bidirectional Translation (3.3V ↔ 1.8V): Channels 5 through 8 are examples of this setup.
These channels are for bidirectional operation for I2C and MDIO to translate between 1.8V and 3.3V with
open-drain drivers.
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com