Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87745 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP87745
Description  LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87745 Datasheet(HTML) 3 Page - Texas Instruments

  LP87745 Datasheet HTML 1Page - Texas Instruments LP87745 Datasheet HTML 2Page - Texas Instruments LP87745 Datasheet HTML 3Page - Texas Instruments LP87745 Datasheet HTML 4Page - Texas Instruments LP87745 Datasheet HTML 5Page - Texas Instruments LP87745 Datasheet HTML 6Page - Texas Instruments LP87745 Datasheet HTML 7Page - Texas Instruments LP87745 Datasheet HTML 8Page - Texas Instruments LP87745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4 Description (continued)
The LP8774x-Q1 device supports programmable start-up and shutdown delays and sequences which are
synchronized to the ENABLE signal. The sequences can also include GPO signals to control external regulators,
load switches, and processor reset. The default settings for the device are programmed into nonvolatile memory
(NVM). The device controls the output slew rate to minimize output voltage overshoot and in-rush current during
device start-up.
This data sheet applies to the superset device, including all register settings, as was validated and covers the
following generic part number LP8774x-Q1 with orderable part numbers LP8774xyzzRXVR Q1where:
LP8774xyzzRXVRQ1
R: tape and reel (3000 units/reel)
(other shipping options may be included in
future as this field is not specific to device or functional safety
performance)
RXV: package designator
zz: OTP part number variant: (A1, A3…etc.)
(OTP determines the default register values for OTP based customer configuration
registers)
y = platform (Fsw and BOM/performance optimized options (1, 2, or 3) where
o
1 : 17.6 MHz + full performance option or BOM/cost optimized option (radar)
o
2 : 8.8 MHz + full performance option or BOM/cost optimized option (radar)
o
3 : 4.4 MHz + full performance option (non-radar)
x = regulator configuration of device version (specified by how many buck, boost and VIO LDO option
is supported specific device version)
o
2: 3 buck regulators, VIO LDO regulator
o
3: 3 buck regulators
o
4: 3 buck regulators, boost regulator
o
5: 3 buck regulators, boost regulator, VIO LDO regulator
LP8774: device family and base part number
Q1: Automotive AEC-Q100 Qualified
Figure 4-1. LP8774x-Q1 Orderable Part Numbers Scheme
www.ti.com
LP87743-Q1, LP87744-Q1, LP87745-Q1
SNVSC48B – OCTOBER 2021 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP87743-Q1 LP87744-Q1 LP87745-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com