Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL613-05 Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PL613-05
Description  1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL613-05 Datasheet(HTML) 7 Page - PhaseLink Corporation

  PL613-05 Datasheet HTML 1Page - PhaseLink Corporation PL613-05 Datasheet HTML 2Page - PhaseLink Corporation PL613-05 Datasheet HTML 3Page - PhaseLink Corporation PL613-05 Datasheet HTML 4Page - PhaseLink Corporation PL613-05 Datasheet HTML 5Page - PhaseLink Corporation PL613-05 Datasheet HTML 6Page - PhaseLink Corporation PL613-05 Datasheet HTML 7Page - PhaseLink Corporation PL613-05 Datasheet HTML 8Page - PhaseLink Corporation PL613-05 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoTreo
TM, 3-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 7/2/07 Page 7
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
Loaded CMOS Outputs
IDD
All outputs @ 20MHz
10pF Load
15
21
mA
Supply Current, Dynamic,
Loaded CMOS Outputs
IDD
All outputs @ 20MHz
10pF Load
11
16
mA
Supply Current, Dynamic,
Loaded CMOS Outputs
IDD
All outputs @ 20MHz
10pF Load
8.5
11
mA
Supply Current
IDD
When PDB=0
All outputs @ 20MHz
10pF Load, VDD = 3.3V
<10
µA
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +4mA Std Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Std Drive
VDD – 0.4
V
Output Current, Low Drive
IOSD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard Drive
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High Drive
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
10
50
MHz
Crystal Loading Rating
CL (xtal)
15
pF
Maximum Sustainable Drive Level
100
W
Operating Drive Level
30
W
Shunt Capacitance
C0
5.5
pF
Metal Can Crystal
ESR Max
ESR
50
Ω
Shunt Capacitance
C0
2.5
pF
Small SMD Crystal
ESR Max
ESR
80
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com