Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3565M Datasheet(PDF) 3 Page - EPCOS

Part # K3565M
Description  IF Filter for Quasi/Split Sound Applications 38,90 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K3565M Datasheet(HTML) 3 Page - EPCOS

  K3565M Datasheet HTML 1Page - EPCOS K3565M Datasheet HTML 2Page - EPCOS K3565M Datasheet HTML 3Page - EPCOS K3565M Datasheet HTML 4Page - EPCOS K3565M Datasheet HTML 5Page - EPCOS K3565M Datasheet HTML 6Page - EPCOS K3565M Datasheet HTML 7Page - EPCOS K3565M Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Sep 01, 2003
SAW Components
K 3565 M
38,90 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Characteristics of picture channel
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
37,40 MHz
12,9
14,4
15,9
dB
following data
Relative attenuation
α
rel
Picture carrier
38,90 MHz
4,8
5,8
6,8
dB
Color carrier
34,47 MHz
0,5
1,5
2,5
dB
Sound carrier
32,40 MHz
35,0
39,0
—
dB
33,40 MHz
35,0
51,0
—
dB
Adjacent picture carrier
30,90 MHz
45,0
59,0
—
dB
31,90 MHz
45,0
59,0
—
dB
Adjacent sound carrier
40,40 MHz
45,0
61,0
—
dB
41,40 MHz
45,0
63,0
—
dB
Lower sidelobe
25,00 ... 30,90 MHz
39,0
46,0
—
dB
Upper sidelobe
41,40 ... 45,00 MHz
37,0
43,0
—
dB
Reflected wave signal suppression
1,4
µs ... 6,0 µs after main pulse
42,0
51,0
—
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Group delay predistortion
∆τ
(reference frequeny 38,90 MHz)
35,90 MHz
—
–60
—
ns
34,47 MHz
—40
—
ns
Impedance at 37,40 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,2 ||24,2
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,0 || 4,0
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com