Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417107 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1417107
Description  SAC-3P-MINMR/ 2,0-U50/MINFS - Power cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417107 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1417107 Datasheet HTML 1Page - PHOENIX CONTACT 1417107 Datasheet HTML 2Page - PHOENIX CONTACT 1417107 Datasheet HTML 3Page - PHOENIX CONTACT 1417107 Datasheet HTML 4Page - PHOENIX CONTACT 1417107 Datasheet HTML 5Page - PHOENIX CONTACT 1417107 Datasheet HTML 6Page - PHOENIX CONTACT 1417107 Datasheet HTML 7Page - PHOENIX CONTACT 1417107 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power cable, 3-position, PVC, black, Plug angled 7/8"-16UNF, coding: A, on Socket straight 7/8"-
16UNF, coding: A, cable length: 2 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1417107
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF14
Product key
BF1IMC
GTIN
4055626222431
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
MX
SAC-3P-MINMR/ 2,0-U50/MINFS - Power cable
1417107
https://www.phoenixcontact.com/us/products/1417107
Aug 26, 2024, 3:54 AM
Page 1 (8)


Similar Part No. - 1417107

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417101 PHOENIX-1417101 Datasheet
323Kb / 6P
SAC-3P-10,0-U50/MINFS - Power cable
1417102 PHOENIX-1417102 Datasheet
553Kb / 14P
SAC-3P-MINMR/ 1,0-U50/MINFR - Power cable
1417103 PHOENIX-1417103 Datasheet
446Kb / 9P
SAC-3P-MINMR/ 2,0-U50/MINFR - Power cable
1417104 PHOENIX-1417104 Datasheet
553Kb / 14P
SAC-3P-MINMR/ 5,0-U50/MINFR - Power cable
1417105 PHOENIX-1417105 Datasheet
552Kb / 14P
SAC-3P-MINMR/10,0-U50/MINFR - Power cable
More results

Similar Description - 1417107

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404787 PHOENIX-1404787 Datasheet
113Kb / 6P
Sensor/Actuator cable - SAC-3P- 2,0-PVC/A B-L
1404804 PHOENIX-1404804 Datasheet
112Kb / 6P
Sensor/Actuator cable - SAC-3P- 2,0-PVC/CI B-L
1438587 PHOENIX-1438587 Datasheet
43Kb / 2P
Cable - SAC-3P-M12MS/2,0-PUR/B-1L-Z
1418426 PHOENIX-1418426 Datasheet
120Kb / 7P
Bus system cable - SAC-5P- 2,0-923/MINFS DN
09/11/2020
1531879 PHOENIX-1531879 Datasheet
66Kb / 3P
Sensor/actuator cable - SAC-3P-MINMR/ 4,0-400
12/06/2018
1419082 PHOENIX-1419082 Datasheet
563Kb / 17P
SAC-3P- 2,0-961/M12FS VA - Bus system cable
1419097 PHOENIX-1419097 Datasheet
617Kb / 17P
SAC-3P-M12MR/ 2,0-961 VA - Bus system cable
1419105 PHOENIX-1419105 Datasheet
546Kb / 12P
SAC-3P-M12MS/ 2,0-961/M12FS VA - Bus system cable
1419092 PHOENIX-1419092 Datasheet
625Kb / 17P
SAC-3P-M12MS/ 2,0-961 VA - Bus system cable
1419087 PHOENIX-1419087 Datasheet
643Kb / 17P
SAC-3P- 2,0-961/M12FR VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com