Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2011SS1W02-BC Datasheet(PDF) 17 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011SS1W02-BC
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011SS1W02-BC Datasheet(HTML) 17 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011SS1W02-BC Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS1W02-BC Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Series MB2000
Large Bushing Miniature Pushbuttons
C88
C
www.nkkswitches.com
(1.85)
.073
(1.1)
.043
(5.0)
.197
.472” (12.0mm) Diameter
Threaded with Keyway
BUSHINGS
B1
.472” (12.0mm) Diameter
Threaded Splashproof
B3
Maximum Panel
Thickness with
Standard Hardware:
.217” (5.5mm)
Panel Cutouts
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
G
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
For B1 Bushing
with Keyway
For B1 Bushing
with
Locking Ring
For B3 Bushing
without Keyway
PLUNGER TYPE
Plunger for
Screw-on Caps
Plunger is plastic
for B1 bushing.
S
Plunger is metal for
B3 bushing.
On alternate action models, after
transferring circuit, the plunger
returns to its original position,
and does not latch down.
Maximum Panel
Thickness with
Standard Hardware:
.217” (5.5mm)
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(12.5) Dia
.492
(12.0)
.472
M12P1
(12.0)
.472
(2.0)
.079
M12P1
(18.0) Dia
.709
(4.9)
.193
(5.3)
.208
(6.4) Dia
.252
(6.7) Dia
.264
(5.3)
.208
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
not actually on the switch.
SP
MB2011
MB2065
ON
ON
(ON)
ON
2-3
2-1
SPDT
DP
MB2061
MB2085
ON
ON
(ON)
ON
2-3 5-6
2-1 5-4
DPDT
4P
MB2181
MB2185
ON
ON
(ON)
ON
2-3 5-6
8-9 11-12
2-1 5-4
8-7 11-10
4PDT
POLES & CIRCUITS
Keyway
Keyway
2 (COM)
1
3
4
6
1
3
25
(COM)
11
10
12
7
9
4
6
1
3
2
58
(COM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com