Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSO-CLD-P2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSO-CLD-P2
Description  Surface Mount AlInGaP Spice LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSO-CLD-P2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSO-CLD-P2 Datasheet HTML 1Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 2Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 3Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 4Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 5Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 6Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 7Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 8Page - DOMINANT Semiconductors SSO-CLD-P2 Datasheet HTML 9Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DOMINANT Semiconductors
19/05/05
S SpiceLED AlInGaP SSx-CLD-v3
Page 2 of 2
Part Ordering Number
Chip Technology /
Color
Viewing
Angle
Luminous Intensity
@ If = 20mA, Iv ( mcd )
SSS-CLD-N2P-1
•
SSS-CLD-N2
•
SSS-CLD-P1
•
SSS-CLD-P2
AlInGaP /
Super Red
160
35.5 … 71.5
35.5 … 45.0
45.0 … 56.0
56.0 … 71.5
SSR-CLD-PQ1-1
•
SSR-CLD-P1
•
SSR-CLD-P2
•
SSR-CLD-Q1
AlInGaP /
Red
160
45.0 … 90.0
45.0 … 56.0
56.0 … 71.5
71.5 … 90.0
SSO-CLD-P2Q-1
•
SSO-CLD-P2
•
SSO-CLD-Q1
•
SSO-CLD-Q2
SSO-CLD-QR1-1
•
SSO-CLD-Q1
•
SSO-CLD-Q2
•
SSO-CLD-R1
AlInGaP /
Orange
160
56.0 … 112.5
56.0 … 71.5
71.5 … 90.0
90.0 … 112.5
71.5 … 140.0
71.5 … 90.0
91.0 … 112.5
112.5 … 140.0
SSY-CLD-P2Q-1
•
SSY-CLD-P2
•
SSY-CLD-Q1
•
SSY-CLD-Q2
AlInGaP /
Yellow
160
56.0 … 112.5
56.0 … 71.5
71.5 … 90.0
90.0 … 112.5
SSG-CLD-M2N-1
•
SSG-CLD-M2
•
SSG-CLD-N1
•
SSG-CLD-N2
AlInGaP /
Green
160
22.4 … 45.0
22.4 … 28.5
28.5 … 35.5
35.5 … 45.0
SSP-CLD-KL1-1
•
SSP-CLD-K1
•
SSP-CLD-K2
•
SSP-CLD-L1
AlInGaP /
Pure Green
160
7.2 … 14.0
7.2 … 9.0
9.0 … 11.2
11.2 … 14.0
NOTE:
1. All part number above comes in a standard quantity of 3000 units per reel.
2. Luminous intensity is measured with an accuracy of
±11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com