Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPR-MSS-AB Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # NPR-MSS-AB
Description  AlInGaP : SPNovaLED-1 Watt (400mA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPR-MSS-AB Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  NPR-MSS-AB Datasheet HTML 1Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 2Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 3Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 4Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 5Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 6Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 7Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 8Page - DOMINANT Semiconductors NPR-MSS-AB Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
20/06/2005 V2.0
1
Features:
> Super high brightness surface mount LED.
> High flux output.
> 120° viewing angle.
> Compact package outline (LxWxH) of 6.0 x 6.0 x 1.5mm.
> Ultra low height profile - 1.5 mm.
> Designed for high current drive; typically 400 mA.
> Low thermal resistance; Rth (js) = 20 K/W.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
> Environmental friendly; RoHS compliance.
SPNovaLEDTM
Featuring a staggering brilliance and significant flux output, the
SPNovaLED™ showcases the latest technological advent in this
range. With its extremely high level of brightness and the ultra
low high profile, which is only 1.5 mm are highly suitable for both
conventional lighting and specialized application such as auto-
motive signal lights, traffic lights, channel lights, tube lights and
garden lights among others.
DATA SHEET:
SPNovaLEDTM
AlInGaP : SPNovaLED-1 Watt (400mA)
© 2005 SPNovaLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: exterior applications, eg: Center High Mounted
Stop Light (CHMSL), Rear Combination Lights (RCLs), Signal light-
ting, Fog-lamp, etc.
> Communication: indicator and backlight in mobilephone.
> Industry: white goods (eg: Oven, microwave, etc.).
> Lighting: garden light, architecture lighting, general lighting. etc
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - NPR-MSS-AB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPR-101 AMPHENOL-NPR-101 Datasheet
155Kb / 2P
Harsh media compatibility
logo
DOMINANT Semiconductors
NPR-SSS-W1 DOMINANT-NPR-SSS-W1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
NPR-SSS-W2 DOMINANT-NPR-SSS-W2 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
NPR-SSS-X1 DOMINANT-NPR-SSS-X1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
More results

Similar Description - NPR-MSS-AB

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
SPNovaLED: 20mA
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
SPNovaLED InGaN White: 350 mA
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
SPNovaLED InGaN True Green :1 Watt
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
SPNovaLED InGaN Blue : 1 Watt
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
SPNovaLED InGaN : 50mA
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
T-1 (3mm) AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com