Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPR-SSS-W2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NPR-SSS-W2
Description  AlInGaP : SPNovaLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPR-SSS-W2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NPR-SSS-W2 Datasheet HTML 1Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 2Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 3Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 4Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 5Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 6Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 7Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 8Page - DOMINANT Semiconductors NPR-SSS-W2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
28/11/2006 V7.0
2
NPR-SSS-WX2-1
• NPR-SSS-W1
• NPR-SSS-W2
• NPR-SSS-X1
• NPR-SSS-X2
NPY-SSS-XY2-1
• NPY-SSS-X1
• NPY-SSS-X2
• NPY-SSS-Y1
• NPY-SSS-Y2
AlInGaP
Red, 625
AlInGaP
Yellow, 587
120
120
1124.0 - 2850.0
1124.0 - 1400.0
1400.0 - 1800.0
1800.0 - 2240.0
2240.0 - 2850.0
1800.0 - 4500.0
1800.0 - 2240.0
2240.0 - 2850.0
2850.0 - 3550.0
3550.0 - 4500.0
AlInGaP : SPNovaLED-175
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 175mA (mcd)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Typ. (V)
Vf @ If = 175mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 100uA
Min. (V)
Part Number
NPR
NPY
2.2
2.2
15
15
2.8
2.8
Wavelength Grouping
Group
Color
NPR; Red
NPY; Yellow
Full
Full
W
X
Y
Z
620 - 630
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
Wavelength distribution (nm)
Dominant wavelength is measured with an accuracy of ±1 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com