Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F200T-I/P Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC10F200T-I/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200T-I/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC10F200T-I/P Datasheet HTML 31Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 32Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 33Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 34Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 35Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 36Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 37Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 38Page - Microchip Technology PIC10F200T-I/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 33
PIC10F200/202/204/206
7.0
TIMER0 MODULE AND TMR0
REGISTER (PIC10F204/206)
The Timer0 module has the following features:
• 8-bit timer/counter register, TMR0
• Readable and writable
• 8-bit software programmable prescaler
• Internal or external clock select:
- Edge select for external clock
- External clock from either the T0CKI pin or
from the output of the comparator
Figure 7-1 is a simplified block diagram of the Timer0
module.
Timer mode is selected by clearing the T0CS bit
(OPTION<5>). In Timer mode, the Timer0 module will
increment every instruction cycle (without prescaler). If
TMR0 register is written, the increment is inhibited for
the following two cycles (Figure 7-2 and Figure 7-3).
The user can work around this by writing an adjusted
value to the TMR0 register.
There are two types of Counter mode. The first Counter
mode uses the T0CKI pin to increment Timer0. It is
selected by setting the T0CS bit (OPTION<5>), setting
the CMPT0CS bit (CMCON0<4>) and setting the
COUTEN bit (CMCON0<6>). In this mode, Timer0 will
increment either on every rising or falling edge of pin
T0CKI. The T0SE bit (OPTION<4>) determines the
source edge. Clearing the T0SE bit selects the rising
edge. Restrictions on the external clock input are
discussed in detail in Section 7.1 “Using Timer0 with
an External Clock (PIC10F204/206)”.
The second Counter mode uses the output of the com-
parator to increment Timer0. It can be entered in two
different ways. The first way is selected by setting the
T0CS bit (OPTION<5>) and clearing the CMPT0CS bit
(CMCON<4>); (COUTEN [CMCON<6>]) does not
affect this mode of operation. This enables an internal
connection between the comparator and the Timer0.
The second way is selected by setting the T0CS bit
(OPTION<5>),
setting
the
CMPT0CS
bit
(CMCON0<4>) and clearing the COUTEN bit
(CMCON0<6>). This allows the output of the compara-
tor onto the T0CKI pin, while keeping the T0CKI input
active. Therefore, any comparator change on the
COUT pin is fed back into the T0CKI input. The T0SE
bit (OPTION<4>) determines the source edge. Clear-
ing the T0SE bit selects the rising edge. Restrictions on
the external clock input as discussed in Section 7.1
“Using Timer0 with an External Clock (PIC10F204/
206)”
The prescaler may be used by either the Timer0
module or the Watchdog Timer, but not both. The
prescaler assignment is controlled in software by the
control bit, PSA (OPTION<3>). Clearing the PSA bit
will assign the prescaler to Timer0. The prescaler is not
readable or writable. When the prescaler is assigned to
the Timer0 module, prescale values of 1:2, 1:4,...,
1:256 are selectable. Section 7.2 “Prescaler” details
the operation of the prescaler.
A summary of registers associated with the Timer0
module is found in Table 7-1.
FIGURE 7-1:
TIMER0 BLOCK DIAGRAM (PIC10F204/206
)
Note 1:
Bits T0CS, T0SE, PSA, PS2, PS1 and PS0 are located in the OPTION register.
2:
The prescaler is shared with the Watchdog Timer (Figure 7-5).
3:
Bit CMPT0CS is located in the CMCON0 register, CMCON0<4>.
0
1
1
0
T0CS(1)
FOSC/4
Programmable
Prescaler(2)
Sync with
Internal
Clocks
TMR0 Reg
PSOUT
(2 TCY delay)
PSOUT
Data Bus
8
PSA(1)
PS2, PS1, PS0(1)
3
Sync
T0SE(1)
T0CKI
Pin
CMPT0CS(3)
1
0
Internal
Comparator
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com