Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 12Page - Microchip Technology PIC16F685 Datasheet HTML 13Page - Microchip Technology PIC16F685 Datasheet HTML 14Page - Microchip Technology PIC16F685 Datasheet HTML 15Page - Microchip Technology PIC16F685 Datasheet HTML 16Page - Microchip Technology PIC16F685 Datasheet HTML 17Page - Microchip Technology PIC16F685 Datasheet HTML 18Page - Microchip Technology PIC16F685 Datasheet HTML 19Page - Microchip Technology PIC16F685 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 14
© 2007 Microchip Technology Inc.
TABLE 1-1:
PINOUT DESCRIPTION – PIC16F631
Name
Function
Input
Type
Output
Type
Description
RA0/C1IN+/ICSPDAT/ULPWU
RA0
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
C1IN+
AN
—
Comparator C1 non-inverting input.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
ULPWU
AN
—
Ultra Low-Power Wake-up input.
RA1/C12IN0-/ICSPCLK
RA1
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
C12IN0-
AN
—
Comparator C1 or C2 inverting input.
ICSPCLK
ST
—
ICSP™ clock.
RA2/T0CKI/INT/C1OUT
RA2
ST
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T0CKI
ST
—
Timer0 clock input.
INT
ST
—
External interrupt pin.
C1OUT
—
CMOS Comparator C1 output.
RA3/MCLR/VPP
RA3
TTL
—
General purpose input. Individually controlled interrupt-on-
change.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
RA4/T1G/OSC2/CLKOUT
RA4
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1G
ST
—
Timer1 gate input.
OSC2
—
XTAL
Crystal/Resonator.
CLKOUT
—
CMOS FOSC/4 output.
RA5/T1CKI/OSC1/CLKIN
RA5
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1CKI
ST
—
Timer1 clock input.
OSC1
XTAL
—
Crystal/Resonator.
CLKIN
ST
—
External clock input/RC oscillator connection.
RB4
RB4
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
RB5
RB5
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
RB6
RB6
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
RB7
RB7
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
RC0/C2IN+
RC0
ST
CMOS General purpose I/O.
C2IN+
AN
—
Comparator C2 non-inverting input.
RC1/C12IN1-
RC1
ST
CMOS General purpose I/O.
C12IN1-
AN
—
Comparator C1 or C2 inverting input.
RC2/C12IN2-
RC2
ST
CMOS General purpose I/O.
C12IN2-
AN
—
Comparator C1 or C2 inverting input.
RC3/C12IN3-
RC3
ST
CMOS General purpose I/O.
C12IN3-
AN
—
Comparator C1 or C2 inverting input.
RC4/C2OUT
RC4
ST
CMOS General purpose I/O.
C2OUT
—
CMOS Comparator C2 output.
RC5
RC5
ST
CMOS General purpose I/O.
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com