Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F635-I/MLQTP Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC12F635-I/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-I/MLQTP Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC12F635-I/MLQTP Datasheet HTML 15Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 16Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 17Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 18Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 19Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 20Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 21Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 22Page - Microchip Technology PIC12F635-I/MLQTP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 17
PIC12F635/PIC16F636/639
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC12F635/PIC16F636/639 devices have a 13-bit
program counter capable of addressing an 8K x 14
program memory space. Only the first 1K x 14
(0000h-03FFh, for the PIC12F635) and 2K x 14
(0000h-07FFh, for the PIC16F636/639) is physically
implemented. Accessing a location above these
boundaries will cause a wraparound within the first
2K x 14 space. The Reset vector is at 0000h and the
interrupt vector is at 0004h (see Figure 2-1).
2.2
Data Memory Organization
The data memory (see Figure 2-2) is partitioned into
two banks, which contain the General Purpose
Registers (GPR) and the Special Function Registers
(SFR). The Special Function Registers are located in
the first 32 locations of each bank. Register locations
20h-7Fh in Bank 0 and A0h-BFh in Bank 1 are GPRs,
implemented as static RAM for the PIC16F636/639.
For the PIC12F635, register locations 40h through 7Fh
are GPRs implemented as static RAM. Register
locations F0h-FFh in Bank 1 point to addresses
70h-7Fh in Bank 0. All other RAM is unimplemented
and returns ‘0’ when read. RP0 of the STATUS register
is the bank select bit.
RP1
RP0
00
→ Bank 0 is selected
01
→ Bank 1 is selected
10
→ Bank 2 is selected
11
→ Bank 3 is selected
FIGURE 2-1:
PROGRAM MEMORY MAP AND
STACK OF THE PIC12F635
FIGURE 2-2:
PROGRAM MEMORY MAP AND
STACK OF THE PIC16F636/639
PC<12:0>
13
0000h
0004h
0005h
03FFh
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
0400h
Access 0-3FFh
PC<12:0>
13
0000h
0004h
0005h
07FFh
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
0800h
Access 0-7FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com