Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM417 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AM417
Description  RATIOMETRIC VOLTAGE TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM417 Datasheet(HTML) 5 Page - Analog Microelectronics

  AM417 Datasheet HTML 1Page - Analog Microelectronics AM417 Datasheet HTML 2Page - Analog Microelectronics AM417 Datasheet HTML 3Page - Analog Microelectronics AM417 Datasheet HTML 4Page - Analog Microelectronics AM417 Datasheet HTML 5Page - Analog Microelectronics AM417 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATIOMETRIC VOLTAGE TRANSMITTER
AM417
analog microelectronics
April 99
5/6
PINOUT
1
2
3
4
6
5
8
7
GND
IB
RB
IN+
VCC
VR
IN
−
VOUT
Figure 3
DELIVERY
The AM417 is available in:
• 8 pin DIL packages (samples)
• SO 8 packages
• Dice on 5“ blue foil
PACKAGE DIMENSIONS SOP8
PIN
NAME
DESIGNATION
1
GND
IC Ground
2
IB
Output Current Source
3
RB
Adjustment Current Source
4
IN+
Input Positive
5
IN–
Input Negative
6
VR
Adjustment Gain Output Stage
7
VOUT
Out Output Stage
8
VCC
Supply Voltage
0°-10°
≥ 0,3
14
8
1,27
≤ 2,00
4,98 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
Figure 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com