Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME7730 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME7730
Description  100mA Regulated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7730 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME7730 Datasheet HTML 1Page - Analog Microelectronics AME7730 Datasheet HTML 2Page - Analog Microelectronics AME7730 Datasheet HTML 3Page - Analog Microelectronics AME7730 Datasheet HTML 4Page - Analog Microelectronics AME7730 Datasheet HTML 5Page - Analog Microelectronics AME7730 Datasheet HTML 6Page - Analog Microelectronics AME7730 Datasheet HTML 7Page - Analog Microelectronics AME7730 Datasheet HTML 8Page - Analog Microelectronics AME7730 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AME, Inc.
2
Rev.A.01
100mA Regulated Charg Pump
AME7730
n Pin Description
n Pin Configuration
1
3
2
6
4
5
AME7730
SOT-26 / TSOT-26
Front View
* Die Attach:
Conductive Epoxy
AME7730AEEY
1. OUT
2. GND
3. EN
4. C-
5. IN
6. C+
Pin Number
Pin Name
Description
1
OUT
Regulator Output Pin.
VOUT should be bypassed with a 10
µF low ESR ceramic capacitor
2
GND
Ground Pin Connection
3
EN
Enable Input.
Active Low disable the regulator
4
C-
Pump Capacitor Negative Terminal
5
IN
Input Supply Pin.
VIN should be bypassed with a 10
µF low ESR ceramic capacitor
6
C+
Pump Capacitor Positive Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com