Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AIYD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL431AIYD
Description  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AIYD Datasheet(HTML) 1 Page - STMicroelectronics

  TL431AIYD Datasheet HTML 1Page - STMicroelectronics TL431AIYD Datasheet HTML 2Page - STMicroelectronics TL431AIYD Datasheet HTML 3Page - STMicroelectronics TL431AIYD Datasheet HTML 4Page - STMicroelectronics TL431AIYD Datasheet HTML 5Page - STMicroelectronics TL431AIYD Datasheet HTML 6Page - STMicroelectronics TL431AIYD Datasheet HTML 7Page - STMicroelectronics TL431AIYD Datasheet HTML 8Page - STMicroelectronics TL431AIYD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2
November 2005
1/13
13
TL431
Programmable Voltage Reference
■ Adjustable output voltage: 2.5 to 36V
■ Sink current capability: 1 to 100mA
■ Typical output impedance: 0.22
Ω
■ 1% and 2% voltage precision
Description
The TL431 is a programmable shunt voltage
reference with guaranteed temperature stability
over the entire temperature range of operation.
The output voltage may be set to any value
between 2.5V and 36V with two external resistors.
The TL431 operates with a wide current range
from
1
to
100mA
with
a
typical
dynamic
impedance of 0.22
Ω.
Order Codes
Z
TO92
(Plastic Package)
D
SO-8
(Plastic Micropackage)
Part Number
Temperature
Range
Package
Packing
Marking
TL431CD/CDT
0, +70°C
SO-8
Tube or Tape & Reel
431C
TL431ACD/ACDT
431AC
TL431CZ/CZT/CZ-AP
TO92
TL431C
TL431ACZ/ACZT/ACZ-AP
TL431AC
TL431ID/IDT
-40, + 105°C
SO-8
431I
TL431AID/AIDT
431AI
TL431IZ/IZT/IZ-AP
TO92
TL431I
TL431AIZ/AIZT/AIZ-AP
TL431AI
TL431IYD/IYDT
SO-8 (automotive grade level)
431IY
TL431AIYD/AIYDT
431AIY
www.st.com


Similar Part No. - TL431AIYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL431AIYD STMICROELECTRONICS-TL431AIYD Datasheet
174Kb / 15P
Programmable voltage reference
25-Feb-2008
TL431AIYD STMICROELECTRONICS-TL431AIYD Datasheet
777Kb / 22P
Automotive adjustable voltage reference
02-Sep-2022
TL431AIYDT STMICROELECTRONICS-TL431AIYDT Datasheet
174Kb / 15P
Programmable voltage reference
25-Feb-2008
TL431AIYDT STMICROELECTRONICS-TL431AIYDT Datasheet
777Kb / 22P
Automotive adjustable voltage reference
02-Sep-2022
More results

Similar Description - TL431AIYD

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
SL432XSF AUK-SL432XSF_1 Datasheet
349Kb / 5P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com