| Electronic Components Datasheet Search |
|
DSPIC30F4012 Datasheet(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F4012 Datasheet(HTML) 34 Page - Microchip Technology |
|
34 / 203 page ![]() dsPIC30F2010 DS70118G-page 32 © 2006 Microchip Technology Inc. 4.1.2 MCU INSTRUCTIONS The three-operand MCU instructions are of the form: Operand 3 = Operand 1 <function> Operand 2 where Operand 1 is always a working register (i.e., the Addressing mode can only be register direct), which is referred to as Wb. Operand 2 can be a W register, fetched from data memory, or 5-bit literal. The result location can be either a W register or an address location. The following Addressing modes are supported by MCU instructions: • Register Direct • Register Indirect • Register Indirect Post-modified • Register Indirect Pre-modified • 5-bit or 10-bit Literal 4.1.3 MOVE AND ACCUMULATOR INSTRUCTIONS Move instructions and the DSP Accumulator class of instructions provide a greater degree of addressing flexibility than other instructions. In addition to the Addressing modes supported by most MCU instruc- tions, Move and Accumulator instructions also support Register Indirect with Register Offset Addressing mode, also referred to as Register Indexed mode. In summary, the following Addressing modes are supported by Move and Accumulator instructions: • Register Direct • Register Indirect • Register Indirect Post-modified • Register Indirect Pre-modified • Register Indirect with Register Offset (Indexed) • Register Indirect with Literal Offset • 8-bit Literal • 16-bit Literal 4.1.4 MAC INSTRUCTIONS The dual source operand DSP instructions (CLR, ED, EDAC, MAC, MPY, MPY.N, MOVSAC and MSC), also referred to as MAC instructions, utilize a simplified set of Addressing modes to allow the user to effectively manipulate the data pointers through register indirect tables. The two source operand prefetch registers must be a member of the set {W8, W9, W10, W11}. For data reads, W8 and W9 will always be directed to the X RAGU and W10 and W11 will always be directed to the Y AGU. The effective addresses generated (before and after modification) must, therefore, be valid addresses within X data space for W8 and W9 and Y data space for W10 and W11. In summary, the following Addressing modes are supported by the MAC class of instructions: • Register Indirect • Register Indirect Post-modified by 2 • Register Indirect Post-modified by 4 • Register Indirect Post-modified by 6 • Register Indirect with Register Offset (Indexed) 4.1.5 OTHER INSTRUCTIONS Besides the various Addressing modes outlined above, some instructions use literal constants of various sizes. For example, BRA (branch) instructions use 16-bit signed literals to specify the branch destination directly, whereas the DISI instruction uses a 14-bit unsigned literal field. In some instructions, such as ADD Acc, the source of an operand or result is implied by the opcode itself. Certain operations, such as NOP, do not have any operands. Note: Not all instructions support all the Addressing modes given above. Individual instructions may support different subsets of these Addressing modes. Note: For the MOV instructions, the Addressing mode specified in the instruction can differ for the source and destination EA. How- ever, the 4-bit Wb (Register Offset) field is shared between both source and destination (but typically only used by one). Note: Not all instructions support all the Addressing modes given above. Individual instructions may support different subsets of these Addressing modes. Note: Register Indirect with Register Offset Addressing is only available for W9 (in X space) and W11 (in Y space). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |