Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC547C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC547C
Description  NPN general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC547C Datasheet(HTML) 2 Page - NXP Semiconductors

  BC547C Datasheet HTML 1Page - NXP Semiconductors BC547C Datasheet HTML 2Page - NXP Semiconductors BC547C Datasheet HTML 3Page - NXP Semiconductors BC547C Datasheet HTML 4Page - NXP Semiconductors BC547C Datasheet HTML 5Page - NXP Semiconductors BC547C Datasheet HTML 6Page - NXP Semiconductors BC547C Datasheet HTML 7Page - NXP Semiconductors BC547C Datasheet HTML 8Page - NXP Semiconductors BC547C Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Nov 25
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BC546; BC547
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in a TO-92; SOT54 plastic package.
PNP complements: BC556 and BC557.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM182
3
2
1
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC546A
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
BC546B
BC547
BC547B
BC547C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com