Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS-CLD-P2 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SMS-CLD-P2
Description  AlInGaP MSpice
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMS-CLD-P2 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SMS-CLD-P2 Datasheet HTML 1Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 2Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 3Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 4Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 5Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 6Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 7Page - DOMINANT Semiconductors SMS-CLD-P2 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DOMINANT Semiconductors
02/06/04
M SpiceLED AlInGaP SMx-CLD-pv4
Page 1 of 8
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
• High brightness diffused surface mount LED.
• Super wide viewing angle of 160°.
• Equivalent to 0805 package outline. Copper lead-frame construction.
• Qualified according to JEDEC moisture sensitivity Level 2.
• Compatible to IR reflow soldering.
SMT 0805 AlInGaP MSpice: SMx-CLD
Note: The center pad is a common cathode. Please
take care during soldering to avoid shorting.


Similar Part No. - SMS-CLD-P2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMS-CP-12-X MACOM-SMS-CP-12-X Datasheet
1Mb / 30P
T107M Handheld Printer
SMS-CP-19-X MACOM-SMS-CP-19-X Datasheet
1Mb / 30P
T107M Handheld Printer
More results

Similar Description - SMS-CLD-P2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
AlInGaP chipLED
logo
DOMINANT Semiconductors
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
DDH-CRS-PQ2-1 DOMINANT-DDH-CRS-PQ2-1 Datasheet
630Kb / 11P
LED - AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
LED AlInGaP
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
LED AlInGaP
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
LED AlInGaP
logo
Agilent(Hewlett-Packard...
HSME-C110 HP-HSME-C110 Datasheet
216Kb / 12P
AlInGaP Green ChipLED
logo
Vishay Siliconix
TLHE42T2V1 VISHAY-TLHE42T2V1 Datasheet
107Kb / 5P
AlInGaP technology
14-Oct-14
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26 Datasheet
106Kb / 5P
AlInGaP technology
14-Oct-14
TLLE4401 VISHAY-TLLE4401 Datasheet
110Kb / 6P
AlInGaP technology
14-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com