Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F-I/SS Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16F-I/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-I/SS Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16F-I/SS Datasheet HTML 90Page - Microchip Technology PIC16F-I/SS Datasheet HTML 91Page - Microchip Technology PIC16F-I/SS Datasheet HTML 92Page - Microchip Technology PIC16F-I/SS Datasheet HTML 93Page - Microchip Technology PIC16F-I/SS Datasheet HTML 94Page - Microchip Technology PIC16F-I/SS Datasheet HTML 95Page - Microchip Technology PIC16F-I/SS Datasheet HTML 96Page - Microchip Technology PIC16F-I/SS Datasheet HTML 97Page - Microchip Technology PIC16F-I/SS Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 92
© 2007 Microchip Technology Inc.
13.7
Using the Data EEPROM
The
data
EEPROM
is a high endurance, byte
addressable array that has been optimized for the storage
of frequently changing information (e.g., program
variables or other data that are updated often). When
variables in one section change frequently, while
variables in another section do not change, it is possible
to exceed the total number of write cycles to the EEPROM
(specification D124) without exceeding the total number
of write cycles to a single byte (specifications D120 and
D120A). If this is the case, then an array refresh must be
performed. For this reason, variables that change
infrequently (such as constants, IDs, calibration, etc.)
should be stored in Flash program memory.
A simple data EEPROM refresh routine is shown in
Example 13-4.
EXAMPLE 13-4:
DATA EEPROM REFRESH ROUTINE
Note:
If data EEPROM is only used to store
constants and/or data that changes rarely,
an array refresh is likely not required. See
specification D124.
BANKSEL
0X80
;select Bank1
CLRF
EEADR
;start at address 0
BCF
INTCON, GIE
;disable interrupts
BTFSC
INTCON, GIE
;see AN576
GOTO
$ - 2
BSF
EECON1, WREN
;enable EE writes
Loop
BSF
EECON1, RD
;retrieve data into EEDATA
MOVLW
0x55
;first step of ...
MOVWF
EECON2
;... required sequence
MOVLW
0xAA
;second step of ...
MOVWF
EECON2
;... required sequence
BSF
EECON1, WR
;start write sequence
BTFSC
EECON1, WR
;wait for write complete
GOTO
$ - 1
#IFDEF __16F648A
;256 bytes in 16F648A
INCFSZ
EEADR, f
;test for end of memory
#ELSE
;128 bytes in 16F627A/628A
INCF
EEADR, f
;next address
BTFSS
EEADR, 7
;test for end of memory
#ENDIF
;end of conditional assembly
GOTO
Loop
;repeat for all locations
BCF
EECON1, WREN
;disable EE writes
BSF
INTCON, GIE
;enable interrupts (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com