Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F506-E/MCSQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F506-E/MCSQTP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F506-E/MCSQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F506-E/MCSQTP Datasheet HTML 9Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 10Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 11Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 12Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 13Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 14Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 15Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 16Page - Microchip Technology PIC16F506-E/MCSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 11
PIC12F510/16F506
TABLE 3-2:
PIN DESCRIPTIONS – PIC12F510
Name
I/O/P Type
Input Type
Output
Type
Description
GP0/AN0/C1IN+/ICSPDAT
GP0
TTL
CMOS
Bidirectional I/O port. Can be software pro-
grammed for internal weak pull-up and wake-up
from Sleep on pin change.
AN0
AN
—
ADC channel input.
C1IN+
AN
—
Comparator input.
ICSPDAT
ST
CMOS
In-Circuit Serial Programming data pin.
GP1/AN1/C1IN-/ICSPCLK
GP1
TTL
CMOS
Bidirectional I/O port. Can be software pro-
grammed for internal weak pull-up and wake-up
from Sleep on pin change.
AN1
AN
—
ADC channel input.
C1IN-
AN
—
Comparator input.
ICSPCLK
ST
—
In-Circuit Serial Programming clock pin.
GP2/AN2/T0CKI/C1OUT
GP2
TTL
CMOS
Bidirectional I/O port.
AN2
AN
—
ADC channel input.
T0CKI
ST
—
Timer0 clock input.
C1OUT
—
CMOS
Comparator output.
GP3/MCLR/VPP
GP3
TTL
—
Standard TTL input. Can be software pro-
grammed for internal weak pull-up and wake-up
from Sleep on pin change.
MCLR
ST
—
MCLR input – weak pull-up always enabled in
this mode.
VPP
HV
—
Programming Voltage input.
GP4/OSC2
GP4
TTL
CMOS
Bidirectional I/O port.
OSC2
—
XTAL
XTAL oscillator output pin.
GP5/OSC1/CLKIN
GP5
TTL
CMOS
Bidirectional I/O port.
OSC1
XTAL
—
XTAL oscillator input pin.
CLKIN
ST
—
EXTRC Schmitt Trigger input.
VDD
VDD
P
—
Positive supply for logic and I/O pins.
VSS
VSS
P
—
Ground reference for logic and I/O pins.
Legend: I = input, O = output, I/O = input/output, P = power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger
input, AN = Analog Voltage, HV = High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com