Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F506-E/MSSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F506-E/MSSQTP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F506-E/MSSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F506-E/MSSQTP Datasheet HTML 61Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 62Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 63Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 64Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 65Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 66Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 67Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 68Page - Microchip Technology PIC16F506-E/MSSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 63
PIC12F510/16F506
10.3.1
MCLR ENABLE
This Configuration bit, when unprogrammed (left in the
‘1’ state), enables the external MCLR function. When
programmed, the MCLR function is tied to the internal
VDD and the pin is assigned to be a I/O. See
Figure 10-7.
FIGURE 10-7:
MCLR SELECT
10.4
Power-on Reset (POR)
The PIC12F510/16F506 devices incorporate an on-
chip Power-on Reset (POR) circuitry, which provides
an internal chip Reset for most power-up situations.
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper oper-
ation. The POR is active regardless of the state of the
MCLR enable bit. An internal weak pull-up resistor is
implemented using a transistor (refer to Table 13-4 for
the pull-up resistor ranges). This will eliminate external
RC components usually needed to create an external
Power-on Reset. A maximum rise time for VDD is spec-
ified. See Section 13.0 “Electrical Characteristics”
for details.
When the devices start normal operation (exit the
Reset condition), device operating parameters (volt-
age, frequency, temperature,...) must be met to ensure
operation. If these conditions are not met, the devices
must be held in Reset until the operating parameters
are met.
A simplified block diagram of the on-chip Power-on
Reset circuit is shown in Figure 10-8.
The Power-on Reset circuit and the Device Reset
Timer (see
Section 10.5 “Device Reset Timer
(DRT)”) circuit are closely related. On power-up, the
Reset latch is set and the DRT is reset. The DRT timer
begins counting once it detects MCLR, internal or
external, to be high. After the time-out period, it will
reset the Reset latch and thus end the on-chip Reset
signal.
A power-up example where MCLR is held low is shown
in Figure 10-9. VDD is allowed to rise and stabilize
before bringing MCLR high. The chip will actually come
out of Reset TDRT msec after MCLR goes high.
In Figure 10-10, the on-chip Power-on Reset feature is
being used (MCLR and VDD are tied together or the pin
is programmed to be (GP3/RB3). The VDD is stable
before the Start-up timer times out and there is no prob-
lem in getting a proper Reset. However, Figure 10-11
depicts a problem situation where VDD rises too slowly.
The time between when the DRT senses that MCLR is
high and when MCLR and VDD actually reach their full
value, is too long. In this situation, when the start-up
timer times out, VDD has not reached the VDD (min)
value and the chip may not function correctly. For such
situations, we recommend that external RC circuits be
used to achieve longer POR delay times (Figure 10-10).
For additional information, refer to Application Notes
AN522, “Power-Up Considerations” (DS00522) and
AN607, “Power-up Trouble Shooting” (DS00607).
(GP3/RB3)/MCLR/VPP
MCLRE
Internal MCLR
GPWU/RBWU
Note:
When the devices start normal operation
(exit the Reset condition), device operat-
ing
parameters
(voltage,
frequency,
temperature, etc.) must be met to ensure
operation. If these conditions are not met,
the device must be held in Reset until the
operating conditions are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com