Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMST-CJS-PR Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DMST-CJS-PR
Description  Multi LED Bi-Color
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DMST-CJS-PR Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DMST-CJS-PR Datasheet HTML 1Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 2Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 3Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 4Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 5Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 6Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 7Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 8Page - DOMINANT Semiconductors DMST-CJS-PR Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
19/07/2007 V19.0
1
Features:
> High brightness bi-color surface mount LED.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
Multi DomiLEDTM
Synonymous with function and performance, the Multi DomiLED
TM series
is perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
Multi DomiLEDTM
Bi-Color
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DMST-CJS-PR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-05V MURATA-DMS-05V Datasheet
210Kb / 4P
0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
logo
SOVICO corp.
DMS-100 SOVICO-DMS-100 Datasheet
1Mb / 1P
MANAGEMENT PC SOFTWARE
logo
Merrimac Industries, In...
DMS-2-250 MERRIMAC-DMS-2-250 Datasheet
79Kb / 1P
DOUBLE BALANCED MIXER
DMS-2-50 MERRIMAC-DMS-2-50 Datasheet
79Kb / 1P
DOUBLE BALANCED MIXER
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
More results

Similar Description - DMST-CJS-PR

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DMRY-GJS-LM DOMINANT-DMRY-GJS-LM Datasheet
903Kb / 12P
Multi LED GaP : Bi-Color
logo
Everlight Electronics C...
15-22SURSYGC EVERLIGHT-15-22SURSYGC Datasheet
236Kb / 10P
Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
Chip LED with Bi-Color(Multi-Color)
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
Chip LED with Bi-Color (Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
Chip LED with Bi-Color (Multi-Color)
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com