Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV414 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # CAV414
Description  Converter IC for Capacitive Signals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

CAV414 Datasheet(HTML) 5 Page - Analog Microelectronics

  CAV414 Datasheet HTML 1Page - Analog Microelectronics CAV414 Datasheet HTML 2Page - Analog Microelectronics CAV414 Datasheet HTML 3Page - Analog Microelectronics CAV414 Datasheet HTML 4Page - Analog Microelectronics CAV414 Datasheet HTML 5Page - Analog Microelectronics CAV414 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Converter IC for Capacitive Signals
CAV414
analog microelectronics
January 2001
5/6
FUNCTIONAL DESCRIPTION
A reference oscillator with a frequency adjusted by the capacity COSC drives two symmetrically built
integrators synchronously to its clock and its phase. The capacitors CX1 and CX2 determine the am-
plitude of the two driven integrators. The difference of the integrator amplitudes gives the relative
change of the capacities CX1 and CX2 to each other with high common mode rejection and high
resolution. The difference signal is conditioned by a lowpass filter. The corner frequency and gain
of it can be adjusted with a few external components. The output of the lowpass filter is connected
to an instrumentation amplifier and an output stage. These two stages transform the signal into an
adjustable voltage.
Adjustment:
The zero-adjustment is made by the resistors RCX1 or RCX2 for the case that the varying capacitance
CX2 has nearly the same (and its smallest) value as the fixed capacitance CX1 (reference capacitance).
Therefore one of this resistors is varied until the differential voltage
M
LPOUT
DIFF
V
V
V
−
=
is zero:
0
=
DIFF
V
Application Example:
The following values are given:
• fixed capacitance C
X1:
50pF
• varying capacitance C
X2:
50 ... 100pF
Calculation:
With the equations given in the boundary conditions, the following values for the devices can be
calculated:
• C
OSC:
80pF
• C
L1:
10nF
• C
L2:
10nF
If the signal VDIFF is amplified, it has to fulfil the unequation:
VDIFF ≤ 400mV
Detailed calculations are shown in a separately available Application Note.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com