Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AI Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TL431AI
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431AI Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TL431AI Datasheet HTML 6Page - NXP Semiconductors TL431AI Datasheet HTML 7Page - NXP Semiconductors TL431AI Datasheet HTML 8Page - NXP Semiconductors TL431AI Datasheet HTML 9Page - NXP Semiconductors TL431AI Datasheet HTML 10Page - NXP Semiconductors TL431AI Datasheet HTML 11Page - NXP Semiconductors TL431AI Datasheet HTML 12Page - NXP Semiconductors TL431AI Datasheet HTML 13Page - NXP Semiconductors TL431AI Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
10
TYPICAL APPLICATIONS
R1
VOUT
R2
V+
V
OUT +
1
) R1
R2
V
ref
SL01183
Figure 18.
Shunt Regulator
VOUT
V+
VIN
VTH = Vref
VIN
VOUT
< Vref
V+
> Vref
≈2.0V
SL01184
Figure 19.
Single-Supply Comparator with
Temperature-Compensated Threshold
R1
VOUT
R2
V+
V
OUT +
1
) R1
R2
V
ref
SL01185
Figure 20.
High Current Shunt Regulator
V
OUT +
1
) R1
R2
V
ref
VOUT Min = Vref + Vbe
R1
VOUT
R2
V+
SL01186
Figure 21.
Series Pass Regulator
I
OUT +
V
ref
R
CL
V+
IOUT
RCL
SL01187
Figure 22.
Constant Current Source
V+
ISINK
RS
I
SINK +
V
ref
R
S
SL01189
Figure 23.
Constant Current Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com