Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F-I/ML Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F-I/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-I/ML Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F-I/ML Datasheet HTML 60Page - Microchip Technology PIC16F-I/ML Datasheet HTML 61Page - Microchip Technology PIC16F-I/ML Datasheet HTML 62Page - Microchip Technology PIC16F-I/ML Datasheet HTML 63Page - Microchip Technology PIC16F-I/ML Datasheet HTML 64Page - Microchip Technology PIC16F-I/ML Datasheet HTML 65Page - Microchip Technology PIC16F-I/ML Datasheet HTML 66Page - Microchip Technology PIC16F-I/ML Datasheet HTML 67Page - Microchip Technology PIC16F-I/ML Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 62
© 2007 Microchip Technology Inc.
10.1
Comparator Configuration
There
are
eight
modes
of
operation
for
the
comparators. The CMCON register is used to select
the mode. Figure 10-1 shows the eight possible
modes. The TRISA register controls the data direction
of the comparator pins for each mode.
If the Comparator mode is changed, the comparator
output level may not be valid for the specified mode
change delay shown in Table 17-2.
FIGURE 10-1:
COMPARATOR I/O OPERATING MODES
Note 1: Comparator interrupts should be disabled
during a Comparator mode change,
otherwise a false interrupt may occur.
2: Comparators
can
have
an
inverted
output. See Figure 10-1.
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Comparators Reset (POR Default Value)
A
A
CM<2:0> = 000
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Two Independent Comparators
A
A
CM<2:0> = 100
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Two Common Reference Comparators
A
D
CM<2:0> = 011
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Off (Read as ‘0’)
One Independent Comparator
D
D
CM<2:0> = 101
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
C1
VIN-
VIN+
Off (Read as ‘0’)
Comparators Off
D
D
CM<2:0> = 111
C2
VIN-
VIN+
Off (Read as ‘0’)
D
D
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Four Inputs Multiplexed to Two Comparators
A
A
CM<2:0> = 010
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
From VREF
CIS = 0
CIS = 1
CIS = 0
CIS = 1
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Two Common Reference Comparators with Outputs
A
D
CM<2:0> = 110
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
Open Drain
A = Analog Input, port reads zeros always.
D = Digital Input.
CIS (CMCON<3>) is the Comparator Input Switch.
RA4/T0CKI/CMP2
C1
RA0/AN0
VIN-
VIN+
RA3/AN3/CMP1
Three Inputs Multiplexed to Two Comparators
A
A
CM<2:0> = 001
C2
RA1/AN1
VIN-
VIN+
RA2/AN2/VREF
A
A
CIS = 0
CIS = 1
VSS
VSS
RA0/AN0
RA3/AN3/CMP1
RA1/AN1
RA2/AN2/VREF
Module
C1VOUT
C2VOUT
C1VOUT
C2VOUT
Off (Read as ‘0’)
Off (Read as ‘0’)
C2VOUT
C1VOUT
C2VOUT
C1VOUT
C2VOUT
C1VOUT
C2VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com