Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012AT20I/PF Datasheet(PDF) 90 Page - Microchip Technology

Part # DSPIC30F4012AT20I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012AT20I/PF Datasheet(HTML) 90 Page - Microchip Technology

Back Button DSPIC30F4012AT20I/PF Datasheet HTML 86Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 87Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 88Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 89Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 90Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 91Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 92Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 93Page - Microchip Technology DSPIC30F4012AT20I/PF Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 88
© 2007 Microchip Technology Inc.
14.7
QEI Module Operation During CPU
Idle Mode
Since the QEI module can function as a quadrature
encoder interface, or as a 16-bit timer, the following
section describes operation of the module in both
modes.
14.7.1
QEI OPERATION DURING CPU IDLE
MODE
When the CPU is placed in the Idle mode, the QEI mod-
ule will operate if the QEISIDL bit (QEICON<13>) = 0.
This bit defaults to a logic ‘0’ upon executing POR and
BOR. For halting the QEI module during the CPU Idle
mode, QEISIDL should be set to ‘1’.
14.7.2
TIMER OPERATION DURING CPU
IDLE MODE
When the CPU is placed in the Idle mode and the QEI
module is configured in the 16-bit Timer mode, the
16-bit
timer
will
operate
if
the
QEISIDL
bit
(QEICON<13>) = 0. This bit defaults to a logic ‘0’ upon
executing POR and BOR. For halting the timer module
during the CPU Idle mode, QEISIDL should be set
to ‘1’.
If the QEISIDL bit is cleared, the timer will function
normally as if the CPU Idle mode had not been
entered.
14.8
Quadrature Encoder Interface
Interrupts
The quadrature encoder interface has the ability to
generate an interrupt on occurrence of the following
events:
• Interrupt on 16-bit up/down position counter
rollover/underflow
• Detection of qualified index pulse or if CNTERR
bit is set
• Timer period match event (overflow/underflow)
• Gate accumulation event
The QEI Interrupt Flag bit, QEIIF, is asserted upon
occurrence of any of the above events. The QEIIF bit
must be cleared in software. QEIIF is located in the
IFS2 register.
Enabling an interrupt is accomplished via the respec-
tive Enable bit, QEIIE. The QEIIE bit is located in the
IEC2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com