Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SBE9IMT7 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SBE9IMT7
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SBE9IMT7 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COP8SBE9IMT7 Datasheet HTML 17Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 18Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 19Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 20Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 21Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 22Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 23Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 24Page - National Semiconductor (TI) COP8SBE9IMT7 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
4.0 Functional Description (Continued)
in mode 1, T1 Underflow in Mode 2, T1A capture
edge in mode 3)
T1ENA
Timer T1 Interrupt Enable for Timer Underflow
or T1A Input capture edge
EXPND
External interrupt pending
BUSY
MICROWIRE/PLUS busy shifting flag
EXEN
Enable external interrupt
GIE
Global interrupt enable (enables interrupts)
The Half-Carry flag is also affected by all the instructions that
affect the Carry flag. The SC (Set Carry) and R/C (Reset
Carry) instructions will respectively set or clear both the carry
flags. In addition to the SC and R/C instructions, ADC,
SUBC, RRC and RLC instructions affect the Carry and Half
Carry flags.
ICNTRL Register (Address X'00E8)
Unused
LPEN
T0PND
T0EN
µWPND
µWEN
T1PNDB
T1ENB
Bit 7
Bit 0
The ICNTRL register contains the following bits:
LPEN
L
Port
Interrupt
Enable
(Multi-Input
Wake-up/Interrupt)
T0PND
Timer T0 Interrupt pending
T0EN
Timer T0 Interrupt Enable (Bit 12 toggle)
µWPND MICROWIRE/PLUS interrupt pending
µWEN
Enable MICROWIRE/PLUS interrupt
T1PNDB Timer T1 Interrupt Pending Flag for T1B capture
edge
T1ENB
Timer T1 Interrupt Enable for T1B Input capture
edge
T2CNTRL Register (Address X'00C6)
T2C3
T2C2
T2C1
T2C0
T2PNDA
T2ENA
T2PNDB
T2ENB
Bit 7
Bit 0
The T2CNTRL register contains the following bits:
T2C3
Timer T2 mode control bit
T2C2
Timer T2 mode control bit
T2C1
Timer T2 mode control bit
T2C0
Timer
T2
Start/Stop
control
in
timer
modes 1 and 2, Timer T2 Underflow Interrupt
Pending Flag in timer mode 3
T2PNDA Timer T2 Interrupt Pending Flag (Autoreload
RA in mode 1, T2 Underflow in mode 2, T2A
capture edge in mode 3)
T2ENA
Timer T2 Interrupt Enable for Timer Underflow
or T2A Input capture edge
T2PNDB Timer T2 Interrupt Pending Flag for T2B cap-
ture edge
T2ENB
Timer T2 Interrupt Enable for T2B Input capture
edge
HSTCR Register (Address X'00AF)
Reserved
T2HS
Bit 7
Bit 0
The HSTCR register contains the following bits:
T2HS Places Timer T2 in High Speed Mode.
ITMR Register (Address X'00CF)
LSON
HSON
DCEN
CCKS
EL
RSVD
ITSEL2
ITSEL1
ITSEL0
Bit 7
Bit 0
The ITMR register contains the following bits:
LSON
Turns the low speed oscillator on or off.
HSON
Turns the high speed oscillator on or off.
DCEN
Selects the high speed oscillator or the low
speed oscillator as the Idle Timer Clock.
CCKSEL Selects the high speed oscillator or the low
speed oscillator as the primary CPU clock.
RSVD
This bit is reserved and must be 0.
ITSEL2
Idle Timer period select bit.
ITSEL1
Idle Timer period select bit.
ITSEL0
Idle Timer period select bit.
5.0 In-System Programming
5.1 INTRODUCTION
This device provides the capability to program the program
memory while installed in an application board. This feature
is called In System Programming (ISP). It provides a means
of ISP by using the MICROWIRE/PLUS, or the user can
provide his own, customized ISP routine. The factory in-
stalled ISP uses the MICROWIRE/PLUS port. The user can
provide his own ISP routine that uses any of the capabilities
of the device, such as USART, parallel port, etc.
5.2 FUNCTIONAL DESCRIPTION
The organization of the ISP feature consists of the user flash
program memory, the factory boot ROM, and some registers
dedicated to performing the ISP function. See
Figure 13 for
a simplified block diagram. The factory installed ISP that
uses MICROWIRE/PLUS is located in the Boot ROM. The
size of the Boot ROM is 1k bytes and also contains code to
facilitate in system emulation capability. If a user chooses to
write his own ISP routine, it must be located in the flash
program memory.
As described in
4.5 OPTION REGISTER, there is a bit,
FLEX, that controls whether the device exits RESET execut-
ing from the flash memory or the Boot ROM. The user must
program the FLEX bit as appropriate for the application. In
the erased state, the FLEX bit = 0 and the device will
20032717
FIGURE 13. Block Diagram of ISP
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com