Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F689-E/SSQTP Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16F689-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F689-E/SSQTP Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16F689-E/SSQTP Datasheet HTML 32Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 33Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 34Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 35Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 36Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 37Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 38Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 39Page - Microchip Technology PIC16F689-E/SSQTP Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 34
© 2007 Microchip Technology Inc.
TABLE 2-3:
PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
44,201
101h
TMR0
Timer0 Module Register
xxxx xxxx
81,201
102h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
44,201
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
36,201
104h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
44,201
105h
PORTA(4)
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
59,201
106h
PORTB(4)
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ----
69,201
107h
PORTC(4)
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
76,201
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
44,201
10Bh
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF(1)
0000 000x
38,201
10Ch EEDAT
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
0000 0000
120,202
10Dh EEADR
EEADR7(3)
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
0000 0000
120,202
10Eh
EEDATH(2)
—
—
EEDATH5
EEDATH4
EEDATH3
EEDATH2
EEDATH1
EEDATH0
--00 0000
120,202
10Fh
EEADRH(2)
—
—
—
—
EEADRH3 EEADRH2 EEADRH1 EEADRH0 ---- 0000
120,202
110h
—
Unimplemented
—
—
111h
—
Unimplemented
—
—
112h
—
Unimplemented
—
—
113h
—
Unimplemented
—
—
114h
—
Unimplemented
—
—
115h
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
—
—
—
—
1111 ----
70,202
116h
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
—
—
—
0000 ----
70,202
117h
—
Unimplemented
—
—
118h
VRCON
C1VREN
C2VREN
VRR
VP6EN
VR3
VR2
VR1
VR0
0000 0000
106,202
119h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000
98,202
11Ah
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000
99,202
11Bh
CM2CON1
MC1OUT
MC2OUT
—
—
—
—
T1GSS
C2SYNC
00-- --10
101,202
11Ch
—
Unimplemented
—
—
11Dh
—
Unimplemented
—
—
11Eh
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3(3)
ANS2(3)
ANS1
ANS0
1111 1111
61,202
11Fh
ANSELH(3)
—
—
—
—
ANS11
ANS10
ANS9
ANS8
---- 1111
115,202
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
MCLR and WDT Reset does not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the
mismatch exists.
2:
PIC16F685/PIC16F689/PIC16F690 only.
3:
PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only.
4:
Port pins with analog functions controlled by the ANSEL and ANSELH registers will read ‘0’ immediately after a Reset even though the
data latches are either undefined (POR) or unchanged (other Resets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com