Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC44EPC19-Z Datasheet(PDF) 13 Page - TDK Electronics

Part # PC44EPC19-Z
Description  Ferrite for Switching Power Supplies
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PC44EPC19-Z Datasheet(HTML) 13 Page - TDK Electronics

Back Button PC44EPC19-Z Datasheet HTML 9Page - TDK Electronics PC44EPC19-Z Datasheet HTML 10Page - TDK Electronics PC44EPC19-Z Datasheet HTML 11Page - TDK Electronics PC44EPC19-Z Datasheet HTML 12Page - TDK Electronics PC44EPC19-Z Datasheet HTML 13Page - TDK Electronics PC44EPC19-Z Datasheet HTML 14Page - TDK Electronics PC44EPC19-Z Datasheet HTML 15Page - TDK Electronics PC44EPC19-Z Datasheet HTML 16Page - TDK Electronics PC44EPC19-Z Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
(12/44)
002-03 / 20100305 / e143.fm
• All specifications are subject to change without notice.
PQ Series PQ26/20 Cores
∗ Coil: ø0.35 2UEW 100Ts
NI limit vs. AL-value for
AL-value vs. Air gap length for
Temperature rise vs. Total loss for
PC44PQ26/20 gapped core (Typical)
PC44PQ26/20 core (Typical)
PQ26/20 core (Typical)
(Ambient temperature: 25°C)
Part No.
AL-value (nH/N2)∗
Core loss (W) max.
Calculated output power
(forward converter mode)
100kHz, 200mT
PC44PQ26/20Z-12
6170±25% (1kHz, 0.5mA)
1.94(100°C)
170W (100kHz)
PC90PQ26/20Z-12
5500±25% (1kHz, 0.5mA)
2.45(100°C)
170W
PC95PQ26/20Z-12
7470±25% (1kHz, 0.5mA)
2.62/2.20/2.62(25°C/80°C/120°C)
179W
PARAMETER
Core factor
C1
mm–1 0.391
Effective magnetic path length
emm
46.3
Effective cross-sectional area
Ae
mm2
119
Effective core volume
Ve
mm3
5490
Cross-sectional center pole area
A
cp
mm2
113
Minimum cross-sectional center pole area A
cp min. mm2
109
Cross-sectional winding area of core
Acw
mm2
60.4
Weight (approx.)
g31
19.0
±0.45
20.15
±0.25
11.5
±0.3
Dimensions in mm
Note: The temperature rise is measured in the
room whose temperature and humidity are
fixed to 25°C and 45(%)RH. respectively.
(approx. 400
×300×300cm)
102
103
AL-value(nH/N2)
103
104
102
101
101
Temperature: 100˚C
40%
20%
NI20%=45382×AL–1.0319
NI40%=43742×AL–1.0119
104
103
102
101
Air gap length(mm)
0.01
0.10
1
10
Center pole gap
Temperature: 25˚C
AL=174.73×lg –0.8179
0
50
100
Total loss Pm(W)
05
4
3
2
1
Measuring point
Coil
Core
Note: NI limit shows the point where the exciting
current is 20% and 40% away from its
extended linear part.
Measuring conditions • Coil: ø0.35 2UEW 100Ts
• Frequency: 1kHz
• Level: 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com