Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F506-E/MC Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F506-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F506-E/MC Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F506-E/MC Datasheet HTML 35Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 36Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 37Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 38Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 39Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 40Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 41Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 42Page - Microchip Technology PIC16F506-E/MC Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 37
PIC12F510/16F506
5.5
I/O Programming Considerations
5.5.1
BIDIRECTIONAL I/O PORTS
Some instructions operate internally as read followed
by write operations. For example, the BCF and BSF
instructions read the entire port into the CPU, execute
the bit operation and re-write the result. Caution must
be used when these instructions are applied to a port
where one or more pins are used as input/outputs. For
example, a BSF operation on bit 5 of PORTB/GPIO will
cause all eight bits of PORTB/GPIO to be read into the
CPU, bit 5 to be set and the PORTB/GPIO value to be
written to the output latches. If another bit of PORTB/
GPIO is used as a bidirectional I/O pin (say bit ‘0’) and
it is defined as an input at this time, the input signal
present on the pin itself would be read into the CPU and
rewritten to the data latch of this particular pin, overwrit-
ing the previous content. As long as the pin stays in the
Input mode, no problem occurs. However, if bit ‘0’ is
switched into Output mode later on, the content of the
data latch may now be unknown.
Example 5-1 shows the effect of two sequential
Read-Modify-Write instructions (e.g., BCF, BSF, etc.)
on an I/O port.
A pin actively outputting a high or a low should not be
driven from external devices at the same time in order
to change the level on this pin (“wired OR”, “wired
AND”). The resulting high output currents may damage
the chip.
EXAMPLE 5-1:
READ-MODIFY-WRITE
INSTRUCTIONS ON AN
I/O PORT(e.g., PIC16F506)
5.5.2
SUCCESSIVE OPERATIONS ON I/O
PORTS
The actual write to an I/O port happens at the end of an
instruction cycle. Whereas for reading, the data must
be valid at the beginning of the instruction cycle
(Figure 5-14). Therefore, care must be exercised if a
write followed by a read operation is carried out on the
same I/O port. The sequence of instructions should
allow the pin voltage to stabilize (load dependent)
before the next instruction causes the file to be read
into the CPU. Otherwise, the previous state of that pin
may be read into the CPU rather than the new state.
When in doubt, it is better to separate these
instructions with a NOP or another instruction not
accessing this I/O port.
FIGURE 5-14:
SUCCESSIVE I/O OPERATION (PIC16F506)
;Initial PORTB Settings
;PORTB<5:3> Inputs
;PORTB<2:0> Outputs
;
;
PORTB latch
PORTB pins
;
----------
----------
BCF
PORTB, 5 ;--01 -ppp
--11 pppp
BCF
PORTB, 4 ;--10 -ppp
--11 pppp
MOVLW
007h;
TRIS
PORTB
;--10 -ppp
--11 pppp
;
Note:
The user may have expected the pin values to
be ‘--00 pppp’. The 2nd BCF caused RB5 to
be latched as the pin value (High).
PC
PC + 1
PC + 2
PC + 3
Q1 Q2
Q3 Q4
Q1 Q2 Q3 Q4
Q1
Q2 Q3 Q4
Q1 Q2
Q3 Q4
Instruction
Fetched
RB<5:0>
MOVWF PORTB
NOP
Port pin
sampled here
NOP
MOVF PORTB, W
Instruction
Executed
MOVWF PORTB
(Write to PORTB)
NOP
MOVF PORTB,W
This example shows a write to PORTB followed by a
read from PORTB.
Data setup time = (0.25 TCY – TPD)
where: TCY = instruction cycle
TPD = propagation delay
Therefore, at higher clock frequencies, a
write followed by a read may be problematic.
(Read PORTB)
Port pin
written here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com