Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8652 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8652
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8652 Datasheet HTML 12Page - Analog Devices AD8652 Datasheet HTML 13Page - Analog Devices AD8652 Datasheet HTML 14Page - Analog Devices AD8652 Datasheet HTML 15Page - Analog Devices AD8652 Datasheet HTML 16Page - Analog Devices AD8652 Datasheet HTML 17Page - Analog Devices AD8652 Datasheet HTML 18Page - Analog Devices AD8652 Datasheet HTML 19Page - Analog Devices AD8652 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD8651/AD8652
Rev. D | Page 17 of 20
VIN
2V p-p
47pF
600
Ω
VOUT
+3.5V
–1.5V
+
–
AD865x
Figure 59. THD + N Test Circuit
Driving a 16-Bit ADC
The AD865x family is an excellent choice for driving high
speed, high precision ADCs. The driver amplifier for this type
of application needs low THD + N as well as quick settling time.
Figure 61 shows a complete single-supply data acquisition
solution. The AD865x family drives the AD7685, a 250 kSPS,
16-bit data converter.1
The AD865x is configured in an inverting gain of 1 with a 5 V
single supply. Input of 45 kHz is applied, and the ADC samples
at 250 kSPS. The results of this solution are listed in Table 6.
The advantage of this circuit is that the amplifier and ADC can
be powered with the same power supply. For the case of
a noninverting gain of 1, the input common-mode voltage
encompasses both supplies.
1
For more information about the AD7685 data converter, go to
http://www.analog.com/Analog_Root/productPage/productHome/0%2C21
21%2CAD7685%2C00.html
fSAMPLE = 250kSPS
fIN = 45kHz
INPUT RANGE = 0V TO 5V
FREQUENCY (kHz)
0
–160
–100
–120
–140
–80
–60
–40
–20
0
10
20
30 40
50
60
70
80
90
100 110 120
Figure 60. Frequency Response of AD865x Driving a 16-Bit ADC
1µF
3
2
U1
IN
2.7nF
33
Ω
VCC
5V
1k
Ω
10k
Ω
10k
Ω
1k
Ω
AD7685
VIN
0V TO 5V
fIN = 45kHz
+
–
AD865x
V+
V–
Figure 61. AD865x Driving a 16-Bit ADC
Table 6. Data Acquisition Solution of Figure 60
Parameter
Reading (dB)
THD + N
105.2
SFDR
106.6
2nd Harmonics
107.7
3rd Harmonics
113.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com