Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8613AUJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8613AUJZ-R2
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613AUJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8613AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8613/AD8617/AD8619
Data Sheet
Rev. H | Page 8 of 16
Figure 17. Output Impedance vs. Frequency
Figure 18. Small Signal Overshoot vs. Load Capacitance
Figure 19. Small Signal Transient Response
Figure 20. Large Signal Transient Response
Figure 21. Positive Overload Recovery
Figure 22. Negative Overload Recovery
1k
0
100
1M
FREQUENCY (Hz)
1k
10k
100k
100
10
1
VSY = 5V AND 1.8V
AV = 10
AV = 1
AV = 100
50
0
10
1000
LOAD CAPACITANCE (pF)
–OS
+OS
100
45
40
35
30
25
20
15
10
5
VSY = 5V
TA = 25°C
TIME (4µs/DIV)
VSY = 5V, 2.7V, 1.8V
AV = 1
RL = 10kΩ
CL = 200pF
TIME (20µs/DIV)
VSY = 5V
AV = 1
RL = 10kΩ
CL = 200pF
TIME (20µs/DIV)
VSY = ±2.5V
AV = –50
–2.5
0
0
100
TIME (20µs/DIV)
VSY = ±2.5V
AV = –50
0
2.5
–100
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com