Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8661ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8661ACPZ-R2
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8661ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8661/AD8662/AD8664
Data Sheet
Rev. E | Page 12 of 16
FREQUENCY (Hz)
100
1k
0.01
1k
100
10
1
0.1
10M
1M
100k
10k
VDD = 5V
AV = 1
AV = 100
AV = 10
Figure 31. Closed-Loop Output Impedance vs. Frequency
TIME (1µs/DIV)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
VS = ±2.5V
CL = 200pF
G = +1
Figure 32. Large Signal Transient Response
TIME (0.2µs/DIV)
VIN
VO
VS = 16V
G = +1
Figure 33. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com