Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8691AUJZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8691AUJZ-R2
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8691AUJZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8691AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 12Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 9 of 16
0.0001
0.001
0.01
20
100
1k
10k
20k
FREQUENCY (Hz)
0.1
VS = ±2.5V
AV = 1
VIN = 1V p-p
BW = 20kHz
RL = 1kΩ
RL = 600Ω
RL = 100kΩ
Figure 23. THD + N vs. Frequency
TIME (1s/DIV)
VS = 5V AND 2.7V
Figure 24. 0.1 Hz to 10 Hz Input Voltage Noise
1
100
10
1000
FREQUENCY (Hz)
10
1
100
1000
10000
VS = ±2.5V AND ±1.35V
Figure 25. Voltage Noise Density
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
90
110
120
130
140
150
100
VIN
28mV p-p
V–
–2.5V
V+
+2.5V
A
B
VOUT
V+
V–
R1
10kΩ
R2
100Ω
Figure 26. AD8692/AD8694 Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com