Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012A20E/P Datasheet(PDF) 92 Page - Microchip Technology

Part # DSPIC30F2012A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/P Datasheet(HTML) 92 Page - Microchip Technology

Back Button DSPIC30F2012A20E/P Datasheet HTML 88Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 89Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 90Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 91Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 92Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 93Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 94Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 95Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 90
© 2006 Microchip Technology Inc.
Figure 13-2 depicts the a master/slave connection
between two processors. In Master mode, the clock is
generated by prescaling the system clock. Data is
transmitted as soon as a value is written to SPI1BUF.
The interrupt is generated at the middle of the transfer
of the last bit.
In Slave mode, data is transmitted and received as
external clock pulses appear on SCK. Again, the inter-
rupt is generated when the last bit is latched. If SS1
control is enabled, then transmission and reception are
enabled only when SS1 = low. The SDO1 output will be
disabled in SS1 mode with SS1 high.
The clock provided to the module is (FOSC/4). This
clock is then prescaled by the primary (PPRE<1:0>)
and the secondary (SPRE<2:0>) prescale factors. The
CKE bit determines whether transmit occurs on transi-
tion from active clock state to Idle clock state, or vice
versa. The CKP bit selects the Idle state (high or low)
for the clock.
13.1.1
WORD AND BYTE
COMMUNICATION
A control bit, MODE16 (SPI1CON<10>), allows the
module to communicate in either 16-bit or 8-bit mode.
16-bit operation is identical to 8-bit operation except
that the number of bits transmitted is 16 instead of 8.
The user software must disable the module prior to
changing the MODE16 bit. The SPI module is reset
when the MODE16 bit is changed by the user.
A basic difference between 8-bit and 16-bit operation is
that the data is transmitted out of bit 7 of the SPI1SR
for 8-bit operation, and data is transmitted out of bit 15
of the SPI1SR for 16-bit operation. In both modes, data
is shifted into bit 0 of the SPI1SR.
13.1.2
SDO1 DISABLE
A control bit, DISSDO, is provided to the SPI1CON reg-
ister to allow the SDO1 output to be disabled. This will
allow the SPI module to be connected in an input only
configuration. SDO1 can also be used for general
purpose I/O.
13.2
Framed SPI Support
The module supports a basic framed SPI protocol in
Master or Slave mode. The control bit, FRMEN,
enables framed SPI support and causes the SS1 pin to
perform the Frame Synchronization Pulse (FSYNC)
function. The control bit, SPIFSD, determines whether
the SS1 pin is an input or an output (i.e., whether the
module receives or generates the Frame Synchroniza-
tion Pulse). The frame pulse is an active-high pulse for
a single SPI clock cycle. When Frame Synchronization
is enabled, the data transmission starts only on the
subsequent transmit edge of the SPI clock.
FIGURE 13-2:
SPI MASTER/SLAVE CONNECTION
Serial Input Buffer
(SPI1BUF)
Shift Register
(SPI1SR)
MSb
LSb
SDO1
SDI1
PROCESSOR 1
SCK1
SPI Master
Serial Input Buffer
(SPI1BUF)
Shift Register
(SPI1SR)
LSb
MSb
SDI1
SDO1
PROCESSOR 2
SCK1
SPI Slave
Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com