Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07CSZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP07CSZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07CSZ Datasheet(HTML) 4 Page - Analog Devices

  OP07CSZ Datasheet HTML 1Page - Analog Devices OP07CSZ Datasheet HTML 2Page - Analog Devices OP07CSZ Datasheet HTML 3Page - Analog Devices OP07CSZ Datasheet HTML 4Page - Analog Devices OP07CSZ Datasheet HTML 5Page - Analog Devices OP07CSZ Datasheet HTML 6Page - Analog Devices OP07CSZ Datasheet HTML 7Page - Analog Devices OP07CSZ Datasheet HTML 8Page - Analog Devices OP07CSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP07
Data Sheet
Rev. G | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
TA = 25°C
Slew Rate
SR
RL ≥ 2 kΩ3
0.1
0.3
V/μs
Closed-Loop Bandwidth
BW
AVOL = 15
0.4
0.6
MHz
Open-Loop Output Resistance
RO
VO = 0, IO = 0
60
Ω
Power Consumption
Pd
VS = ±15 V, No load
75
120
mW
VS = ±3 V, No load
4
6
mW
Offset Adjustment Range
RP = 20 kΩ
±4
mV
1
Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.
2
Long-term input offset voltage stability refers to the averaged trend time of VOS vs. the time over extended periods after the first 30 days of operation. Excluding the
initial hour of operation, changes in VOS during the first 30 operating days are typically 2.5 μV. Refer to the Typical Performance Characteristics section. Parameter is
sample tested.
3
Sample tested.
4
Guaranteed by design.
5
Guaranteed but not tested.
OP07C ELECTRICAL CHARACTERISTICS
VS = ±15 V, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
TA = 25°C
Input Offset Voltage1
VOS
60
150
μV
Long-Term VOS Stability2
VOS/Time
0.4
2.0
μV/Month
Input Offset Current
IOS
0.8
6.0
nA
Input Bias Current
IB
±1.8
±7.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz3
0.38
0.65
μV p-p
Input Noise Voltage Density
en
fO = 10 Hz
10.5
20.0
nV/√Hz
fO = 100 Hz3
10.2
13.5
nV/√Hz
fO = 1 kHz
9.8
11.5
nV/√Hz
Input Noise Current
In p-p
15
35
pA p-p
Input Noise Current Density
In
fO = 10 Hz
0.35
0.90
pA/√Hz
fO = 100 Hz3
0.15
0.27
pA/√Hz
fO = 1 kHz
0.13
0.18
pA/√Hz
Input Resistance, Differential Mode4
RIN
8
33
MΩ
Input Resistance, Common Mode
RINCM
120
GΩ
Input Voltage Range
IVR
±13
±14
V
Common-Mode Rejection Ratio
CMRR
VCM = ±13 V
100
120
dB
Power Supply Rejection Ratio
PSRR
VS = ±3 V to ±18 V
7
32
μV/V
Large Signal Voltage Gain
AVO
RL ≥ 2 kΩ, VO = ±10 V
120
400
V/mV
RL ≥ 500 Ω, VO = ±0.5 V, VS = ±3 V4
100
400
V/mV
−40°C ≤ TA ≤ +85°C
Input Offset Voltage1
VOS
85
250
μV
Voltage Drift Without External Trim4
TCVOS
0.5
1.8
μV/°C
Voltage Drift with External Trim3
TCVOSN
RP = 20 kΩ
0.4
1.6
μV/°C
Input Offset Current
IOS
1.6
8.0
nA
Input Offset Current Drift
TCIOS
12
50
pA/°C
Input Bias Current
IB
±2.2
±9.0
nA
Input Bias Current Drift
TCIB
18
50
pA/°C
Input Voltage Range
IVR
±13
±13.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±13 V
97
120
dB
Power Supply Rejection Ratio
PSRR
VS = ±3 V to ±18 V
10
51
μV/V
Large Signal Voltage Gain
AVO
RL ≥ 2 kΩ, VO = ±10 V
100
400
V/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com