Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27EPZ Datasheet(PDF) 20 Page - Analog Devices

Part # OP27EPZ
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27EPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button OP27EPZ Datasheet HTML 13Page - Analog Devices OP27EPZ Datasheet HTML 14Page - Analog Devices OP27EPZ Datasheet HTML 15Page - Analog Devices OP27EPZ Datasheet HTML 16Page - Analog Devices OP27EPZ Datasheet HTML 17Page - Analog Devices OP27EPZ Datasheet HTML 18Page - Analog Devices OP27EPZ Datasheet HTML 19Page - Analog Devices OP27EPZ Datasheet HTML 20Page - Analog Devices OP27EPZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 20 of 21
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 48. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
S-Suffix
Dimensions shown in millimeters and (inches)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MO-002-AK
0.250 (6.35) MIN
0.185 (4.70)
0.165 (4.19)
0.050 (1.27) MAX
0.019 (0.48)
0.016 (0.41)
0.040 (1.02)
0.010 (0.25)
0.040 (1.02) MAX
0.160 (4.06)
0.140 (3.56)
0.100 (2.54)
BSC
6
2
8
7
5
4
3
1
0.200 (5.08)
BSC
0.100 (2.54)
BSC
45° BSC
BASE & SEATING PLANE
REFERENCE PLANE
0.370 (9.40)
0.335 (8.51)
0.335 (8.51)
0.305 (7.75)
BOTTOM VIEW
SIDE VIEW
0.021 (0.53)
0.016 (0.40)
0.50 (12.70)
MIN
0.034 (0.86)
0.028 (0.71)
0.045 (1.14)
0.027 (0.69)
Figure 49. 8-Lead Metal Can [TO-99]
(H-08)
J-Suffix
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com