Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 55Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 56Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 57Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 58Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 59Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 60Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 61Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 62Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 57
PIC16F882/883/884/886/887
3.6
PORTD and TRISD Registers
PORTD(1) is a 8-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISD
(Register 3-12). Setting a TRISD bit (= 1) will make the
corresponding PORTD pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISD bit (= 0) will make the corresponding
PORTD pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 3-5 shows how to initialize PORTD.
Reading the PORTD register (Register 3-11) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch.
The TRISD register (Register 3-12) controls the PORTD
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISD register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
EXAMPLE 3-5:
INITIALIZING PORTD
Note 1: PORTD is available on PIC16F884/887
only.
BANKSEL PORTD
;
CLRF
PORTD
;Init PORTD
BANKSEL TRISD
;
MOVLW
B‘00001100’
;Set RD<3:2> as inputs
MOVWF
TRISD
;and set RD<7:4,1:0>
;as outputs
REGISTER 3-11:
PORTD: PORTD REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RD<7:0>: PORTD General Purpose I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 3-12:
TRISD: PORTD TRI-STATE REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISD<7:0>: PORTD Tri-State Control bit
1
= PORTD pin configured as an input (tri-stated)
0
= PORTD pin configured as an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com