Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467GSZ Datasheet(PDF) 16 Page - Analog Devices

Part # OP467GSZ
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button OP467GSZ Datasheet HTML 12Page - Analog Devices OP467GSZ Datasheet HTML 13Page - Analog Devices OP467GSZ Datasheet HTML 14Page - Analog Devices OP467GSZ Datasheet HTML 15Page - Analog Devices OP467GSZ Datasheet HTML 16Page - Analog Devices OP467GSZ Datasheet HTML 17Page - Analog Devices OP467GSZ Datasheet HTML 18Page - Analog Devices OP467GSZ Datasheet HTML 19Page - Analog Devices OP467GSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
OP467
Rev. | Page 16 of 20
15
VDD
VREFAVREFC
RFBARFBC
RFBBRFBD
VREFBVREFD
DB0 (LSB)
DS2
IOUT 1A
IOUT 1C
IOUT 2A/
IOUT 2C/
IOUT 2B
IOUT 2D
IOUT 1B
IOUT 1D
DGND
DAC8408
OUT A
OUT B
OUT D
OUT C
C1
10pF
C3
10pF
C4
10pF
C2
10pF
7
5
4
11
6
OP467
OP467
1
1
2
3
7
8
9
10
11
12
4
5
6
13
14
DIGITAL
CONTROL
SIGNALS
DB1
DB2
DB3
DB4
DB5
(MSB) DB7
DB6
28
27
26
22
21
20
19
18
17
25
24
23
16
R/W
A/B
DS1
0.1µF
0.1µF
+15V
+10V
+10V
+5V
+10V
+10V
–15V
2
3
OP467 14
12
13
OP467
8
10
9
Figure 50. Quad DAC Unipolar Operation
FAST I-TO-V CONVERTER
The fast slew rate and fast settling time of the OP467 are well
suited to the fast buffers and I-to-V converters used in a variety
of applications. The circuit in Figure 50 is a unipolar quad DAC
consisting of only two ICs. The current output of the DAC8408
is converted to a voltage by the OP467 configured as an I-to-V
converter. This circuit is capable of settling to 0.1% within 200 ns.
Figure 51 and Figure 52 show the full-scale settling time of the
outputs. To obtain reliable circuit performance, keep the traces
from the IOUT of the DAC to the inverting inputs of the OP467
short to minimize parasitic capacitance.
260.0ns
100ns
50mV
2V
100
90
10
0%
Figure 51. Falling Edge Output Settling Time
251.0ns
100ns
50mV
2V
100
90
10
0%
Figure 52. Rising Edge Output Settling Time
2kΩ
2kΩ
1kΩ
60.4kΩ
604Ω
50kΩ
3pF
DAC8408
DC OFFSET
RFB
IOUT
I-V
OP467
AD847
Figure 53. DAC VOUT Settling Time Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com