Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-R2MT-500 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E5CN-R2MT-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 10Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 11Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 12Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
9
■ Heater Burnout Alarms and SSR
Failure Detection Alarms
(E5CN Models with Heater Burnout and SSR Failure Detection
Alarms)
Note: 1. If the ON time of control output 1 is less than 190 ms, heater
burnout detection and the heater current will not be
measured.
2. If the OFF time of control output 1 is less than 190 ms, SSR
failure detection and the heater current will not be
measured.
■ Electrical Life Expectancy
Curve for Relays
(Reference Values)
Note: Do not connect a DC load to a Controller with a Long-life Relay
Output.
Maximum
heater current
50 A AC
Input current
indication
accuracy
±5% FS ±1 digit max.
Heater burnout
alarm setting
range
0.1 to 49.9 A (in units of 0.1 A)
0.0 A: Heater burnout/SSR failure alarm output
turned OFF.
50.0 A: Heater burnout/SSR failure alarm output
turned ON.
Minimum detection ON time: 190 ms (See note 1.)
SSR failure
detection
alarm setting
range
0.1 to 49.9 A (in units of 0.1 A)
0.0 A: Heater burnout/SSR failure alarm output
turned ON.
50.0 A: Heater burnout/SSR failure alarm output
turned OFF.
Minimum detection OFF time: 190 ms (See note 2.)
500
300
100
50
30
10
5
3
1
0
1
2345
6
Switching current (A)
E5CN
250 VAC, 30 VDC
(resistive load)
cos
φ = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com