Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F258-E/PQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F258-E/PQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F258-E/PQTP Datasheet HTML 47Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 48Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 49Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 50Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 51Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 52Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 53Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 54Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 49
PIC18FXX8
TABLE 4-2:
REGISTER FILE SUMMARY
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
Page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
30, 38
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
30, 38
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
30, 38
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
30, 39
PCLATU
—
—bit 21(2)
Holding Register for PC<20:16>
---0 0000
30, 40
PCLATH
Holding Register for PC<15:8>
0000 0000
30, 40
PCL
PC Low Byte (PC<7:0>)
0000 0000
30, 40
TBLPTRU
—
—bit 21(2)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
30, 68
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
30, 68
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
30, 68
TABLAT
Program Memory Table Latch
0000 0000
30, 68
PRODH
Product Register High Byte
xxxx xxxx
30, 75
PRODL
Product Register Low Byte
xxxx xxxx
30, 75
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
30, 79
INTCON2
RBPU
INTEDG0
INTEDG1
—
—TMR0IP
—RBIP
111- -1-1
30, 80
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
30, 81
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
30, 55
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
30, 55
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
30, 55
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
30, 55
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 offset by W (not a physical register)
N/A
30, 55
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- xxxx
30, 55
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
30, 55
WREG
Working Register
xxxx xxxx
30, 55
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
30, 55
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
30, 55
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
30, 55
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
30, 55
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 offset by W (not a physical register)
N/A
30, 55
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High
---- xxxx
31, 55
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
31, 55
BSR
—
—
—
—
Bank Select Register
---- 0000
31, 54
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
31, 55
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
31, 55
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
31, 55
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
31, 55
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 offset by W (not a physical register)
N/A
31, 55
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- xxxx
31, 55
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
31, 55
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
31, 57
TMR0H
Timer0 Register High Byte
0000 0000
31, 111
TMR0L
Timer0 Register Low Byte
xxxx xxxx
31, 111
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
31, 109
OSCCON
—
—
—
—
—
—
—SCS
---- ---0
31, 20
LVDCON
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
31, 261
WDTCON
—
—
—
—
—
—
—SWDTEN
---- ---0
31, 272
RCON
IPEN
—
—RI
TO
PD
POR
BOR
0--1 110q
31, 58, 91
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com