Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5059TS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TSA5059TS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059TS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TSA5059TS Datasheet HTML 11Page - NXP Semiconductors TSA5059TS Datasheet HTML 12Page - NXP Semiconductors TSA5059TS Datasheet HTML 13Page - NXP Semiconductors TSA5059TS Datasheet HTML 14Page - NXP Semiconductors TSA5059TS Datasheet HTML 15Page - NXP Semiconductors TSA5059TS Datasheet HTML 16Page - NXP Semiconductors TSA5059TS Datasheet HTML 17Page - NXP Semiconductors TSA5059TS Datasheet HTML 18Page - NXP Semiconductors TSA5059TS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1999 Oct 05
15
Philips Semiconductors
Preliminary specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059
APPLICATION INFORMATION
An example of a typical application is given in Fig.4. In this application the VCO centre frequency is 1.5 GHz, with a slope
of 100 MHz/V; the expected loop bandwidth is 10 kHz with a charge pump current of 555
µA and fcomp of 250 kHz. Filter
components need to be adapted to each application depending on the VCO characteristics and the required performance
of the loop.
Fig.4 Typical application.
handbook, full pagewidth
TSA5059
FCE123
1
VT
GND
RFB
RFA
VCC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AS
XT/COMP
XTAL
CP
SDA
SCL
P3
P2
P1 P0 ADC
2.2 nF
10 nF
1 nF
1 nF
3.9 k
Ω
2.7 k
Ω
5 V
33 V
27 k
Ω
18 pF
1 nF
tuning
voltage
VCO
output
VCO
MICRO-
CONTROLLER
47 nF
4 MHz
Loop bandwidth
Most of the applications the TSA5059 are dedicated for
require a large loop bandwidth, in the order of a few kHz to
a few tens of kHz. The calculation of the loop filter
elements has to be done for each application, while it
depends on the VCO slope and phase noise, as well as the
reference frequency and charge pump current.
A simulation of the loop can easily be done by using the
SIMPATA software from Philips.
Reference source
The TSA5059 is well suited to be used with a 4 MHz
crystal connected to pin XTAL. Philips crystal ordering
code 4322 143 04093 is recommended in this case.
It is however possible to use a crystal with an higher
frequency (up to 16 MHz) to improve the noise
performance. When choosing a crystal, one should take
notice to select a crystal able to withstand the drive level of
the TSA5059 without suffering from accelerated ageing.
It is also possible to feed pin XTAL with an external signal
between 2 and 20 MHz, coming from an external oscillator
or from the pin XT/COMP of another TSA5059, when more
than one synthesizer is present in the same application.
Then the application given in Fig.5 should be used.
If the signal at pin XT/COMP is not used in an application,
the output should be switched off (XCE = 0, XCS = 0).
This pin should then be open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com