Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012AT30I/SP Datasheet(PDF) 58 Page - Microchip Technology

Part # DSPIC30F2012AT30I/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/SP Datasheet(HTML) 58 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/SP Datasheet HTML 54Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 55Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 56Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 57Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 58Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 59Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 60Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 61Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 56
© 2006 Microchip Technology Inc.
EXAMPLE 6-5:
DATA EEPROM BLOCK WRITE
6.4
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the mem-
ory should be verified against the original value. This
should be used in applications where excessive writes
can stress bits near the specification limit.
6.5
Protection Against Spurious Write
There are conditions when the device may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built-in. On power-up, the WREN bit is cleared;
also, the Power-up Timer prevents EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during brown-out,
power glitch, or software malfunction.
MOV
#LOW_ADDR_WORD,W0
; Init pointer
MOV
#HIGH_ADDR_WORD,W1
MOV
W1,TBLPAG
MOV
#data1,W2
; Get 1st data
TBLWTL
W2,[ W0]++
; write data
MOV
#data2,W2
; Get 2nd data
TBLWTL
W2,[ W0]++
; write data
MOV
#data3,W2
; Get 3rd data
TBLWTL
W2,[ W0]++
; write data
MOV
#data4,W2
; Get 4th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data5,W2
; Get 5th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data6,W2
; Get 6th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data7,W2
; Get 7th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data8,W2
; Get 8th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data9,W2
; Get 9th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data10,W2
; Get 10th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data11,W2
; Get 11th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data12,W2
; Get 12th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data13,W2
; Get 13th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data14,W2
; Get 14th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data15,W2
; Get 15th data
TBLWTL
W2,[ W0]++
; write data
MOV
#data16,W2
; Get 16th data
TBLWTL
W2,[ W0]++
; write data. The NVMADR captures last table access address.
MOV
#0x400A,W0
; Select data EEPROM for multi word op
MOV
W0,NVMCON
; Operate Key to allow program operation
DISI
#5
; Block all interrupts with priority <7 for
; next 5 instructions
MOV
#0x55,W0
MOV
W0,NVMKEY
; Write the 0x55 key
MOV
#0xAA,W1
MOV
W1,NVMKEY
; Write the 0xAA key
BSET
NVMCON,#WR
; Start write cycle
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com