Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302-E/MM Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC33FJ32GP302-E/MM
Description  High-Performance, 16-Bit Microcontrollers
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302-E/MM Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC33FJ32GP302-E/MM Datasheet HTML 87Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 88Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 89Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 90Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 91Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 92Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 93Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 94Page - Microchip Technology DSPIC33FJ32GP302-E/MM Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 252 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70290A-page 89
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
7.0
OSCILLATOR
CONFIGURATION
The
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 oscillator system provides:
• External and internal oscillator options as clock
sources
• An on-chip PLL to scale the internal operating
frequency to the required system clock frequency
• An internal FRC oscillator that can also be used
with the PLL, thereby allowing full-speed
operation without any external clock generation
hardware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• A Clock Control register (OSCCON)
• Nonvolatile Configuration bits for main oscillator
selection.
A simplified diagram of the oscillator system is shown
in Figure 7-1.
FIGURE 7-1:
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 OSCILLATOR SYSTEM
DIAGRAM
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 devices. It is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the “dsPIC33F
Family Reference Manual”.
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
Secondary Oscillator
LPOSCEN
SOSCO
SOSCI
Timer 1
OSCI
OSCO
Primary Oscillator
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
WDT, PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0> FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL(1)
FCY
FOSC
Note 1: See Figure 7-2 for PLL details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com