Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5059ATS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TSA5059ATS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059ATS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TSA5059ATS Datasheet HTML 3Page - NXP Semiconductors TSA5059ATS Datasheet HTML 4Page - NXP Semiconductors TSA5059ATS Datasheet HTML 5Page - NXP Semiconductors TSA5059ATS Datasheet HTML 6Page - NXP Semiconductors TSA5059ATS Datasheet HTML 7Page - NXP Semiconductors TSA5059ATS Datasheet HTML 8Page - NXP Semiconductors TSA5059ATS Datasheet HTML 9Page - NXP Semiconductors TSA5059ATS Datasheet HTML 10Page - NXP Semiconductors TSA5059ATS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2000 Oct 24
7
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
Table 2
Explanation of Table 1
Address selection
The module address contains programmable address bits (MA1 and MA0), which offer the possibility of having
up to 4 synthesizers in one system. The relationship between MA1 and MA0 and the input voltage at pin AS is given in
Table 3.
Table 3
Address selection
Note
1. This address is selected by connecting a 15 k
Ω resistor between pin AS and pin V
CC.
Status at Power-On Reset (POR)
At power-on or when the supply voltage drops below approximately 2.75 V internal registers are set according to Table 4.
Table 4
Status at Power-on reset; note 1
Notes
1. X = don’t care.
2. At Power-on reset, all output ports are in high-impedance state.
BIT
DESCRIPTION
MA1 and MA0
programmable address bits; see Table 3
A
acknowledge bit
N16 to N0
programmable main divider ratio control bits; N = N16
× 216 + N15 × 215 +...+N1 × 21 +N0
PE
prescaler enable (prescaler by 2 is active when bit PE = 1)
R3 to R0
programmable reference divider ratio control bits; see Table 8
C1 and C0
charge pump current select bits; see Table 9
XCE
XT/COMP enable; XT/COMP output active when bit XCE = 1; see Table 10
XCS
XT/COMP select; signal select when bit XCE = 1; test mode enable when bit XCE = 0; see Table 10
T2, T1 and T0
test mode select when bit XCE = 0 and bit XCS = 1; see Table 10
P3, P2 and P1
Port P3, P2 and P1 output states
P0
Port P0 output state, except in test mode; see Table 10
MA1
MA0
VOLTAGE APPLIED TO PIN AS
0
0
0 to 0.1VCC
0
1
open-circuit
1
0
0.4VCC to 0.6VCC; note 1
1
1
0.9VCC to VCC
BYTE
DESCRIPTION
MSB
LSB
CONTROL
BIT
1
address
11000
MA1
MA0
0
A
2
programmable divider
0
XXXXXXX
A
3
programmable divider
XXXXXXXX
A
4
control data
1
XXXXXXX
A
5
control data
0001
X(2)
1(2)
X(2)
X(2)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com