Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAA01DM24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FAA01DM24
Description  Timers Delay on Operate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FAA01DM24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FAA01DM24 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAA01DM24 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAA01DM24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (26.07.05)
FAA01, FAA08
Function and Time Setting
Range and operation mode selection
Operating mode display window
Operating mode selector
(function A, B2, E, J)
Scale range display windows
Time unit selector (sec, min, hrs, 10h)
Time setting knob (set time)
Power indicator (green)
(Flashes when timer operates;
on when timer stops operating)
Time range selector
(1.2, 3, 12 and 30 at full scale)
Output indicator (red)
(Lit when output is ON)
Time unit display window
Mode of Operation
Function A
Delay on operate
The set delay period begins
as soon as the power supply
is connected. At the end of
the set delay the relay oper-
ates
and
doesn’t
release
until the power supply is
interrupted for at least 100
ms.
Function B2
Symmetrical recycler
(ON first)
The relay operates and the
time period start as soon as
the power is applied. At the
end of the first set time peri-
od, the relay releases. At the
end of the second time peri-
od (equal to the first), the
relay operates again. This
sequence
continues
with
equal ON- and OFF- time
periods until the power sup-
ply is interrupted for at least
100 ms.
Function E
Interval
The relay operates and the
time period begins as soon
as the power is applied. The
relay releases at the end of
the time period or when the
power supply is disconnect-
ed for at least 100 ms.
Function J
One shot
The time period begins as
soon as the power supply is
connected and at the end of
this period the relay operates
for 1s.
Indication for
Power supply On
LED, green
(flashing when timing)
Output ON
LED, red
Environment
Degree of protection
IP 40
(front panel)
Operating temperature
-10 to +55 °C (14 to 131 °F)
Ambient humidity
35 to 85% RH
Housing dimesions
48 x 48 mm
Weight
Approx. 95 g
CE marking
Yes
EMC
Electromagnetic Compatibillity
Immunity
According to EN 61000-6-1
Emission
According to EN 61000-6-3
General Specifications
Upper right knob:
Setting of function
A - delay on operate
B2 - simmetrical recycler
E
- interval
J
- one shot
Lower right knob:
Time unit selector
sec (seconds)
min (minuts)
hrs
(hours)
10h (10 hours)
Lower left knob:
Time range selector
1.2, 3, 12 and 30
Centre knob:
Time setting on relative
scale



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com