Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5512M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TSA5512M
Description  1.3 GHz Bidirectional I2C-bus controlled synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5512M Datasheet(HTML) 3 Page - NXP Semiconductors

  TSA5512M Datasheet HTML 1Page - NXP Semiconductors TSA5512M Datasheet HTML 2Page - NXP Semiconductors TSA5512M Datasheet HTML 3Page - NXP Semiconductors TSA5512M Datasheet HTML 4Page - NXP Semiconductors TSA5512M Datasheet HTML 5Page - NXP Semiconductors TSA5512M Datasheet HTML 6Page - NXP Semiconductors TSA5512M Datasheet HTML 7Page - NXP Semiconductors TSA5512M Datasheet HTML 8Page - NXP Semiconductors TSA5512M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
October 1992
3
Philips Semiconductors
Product specification
1.3 GHz Bidirectional I2C-bus controlled synthesizer
TSA5512
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
−
5
−
V
ICC
supply current
−
35
−
mA
∆fr
frequency range
64
−
1300
MHz
VI
input voltage level
80 MHz to 150 MHz
12
−
300
mV
150 MHz to 1 GHz
9
−
300
mV
1 GHz to 1.3 GHz
40
−
300
mV
fXTAL
crystal oscillator frequency
3.2
4.0
4.48
MHz
IO
open-collector output current
5
−−
mA
Tamb
operating ambient temperature range
−10
−
+80
°C
Tstg
IC storage temperature range
−40
−
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com