Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5518M Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TSA5518M
Description  1.3 GHz bidirectional I2C-bus controlled synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5518M Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TSA5518M Datasheet HTML 9Page - NXP Semiconductors TSA5518M Datasheet HTML 10Page - NXP Semiconductors TSA5518M Datasheet HTML 11Page - NXP Semiconductors TSA5518M Datasheet HTML 12Page - NXP Semiconductors TSA5518M Datasheet HTML 13Page - NXP Semiconductors TSA5518M Datasheet HTML 14Page - NXP Semiconductors TSA5518M Datasheet HTML 15Page - NXP Semiconductors TSA5518M Datasheet HTML 16Page - NXP Semiconductors TSA5518M Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Mar 07
13
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled
synthesizer
TSA5518M
APPLICATION INFORMATION
Fig.5 Typical application.
handbook, full pagewidth
MGK116
22 k
Ω
35 k
Ω
1 k
Ω
1 k
Ω
22 k
Ω
15 nF
100 nF
1 nF
1 nF
Vtune
4 MHz
10 pF
5 V
SCL
SDA
ADC
AS
P0
P1
P2
390
Ω
300
Ω
300
Ω
390
Ω
390
Ω
4.7
nF
4.7
nF
4.7
nF
4.7
nF
4.7
nF
4.7
nF
4.7
nF
4.7
nF
33 V
HIGH
MID
LOW
BS
RF2
RF1
BC847
filter dependent
20
1
19
2
18
3
17
4
16
5
15
6
14
7
13
8
12
9
11
UD
P7
P5
P4
BS
n.c.
RF2
RF1
GND
P1
10
PD
XTAL
n.c.
VCC
SCL
SDA
P2
P8
P3
P0
TSA5518M
Loop filter
Table 8
Loop filter
DESCRIPTION
MIN.
MAX.
UNIT
Time span between actual
phase lock and FL flag setting
1024
1152
µs
Time span between the loop
losing lock and FL flag resetting
0
128
µs
handbook, halfpage
MBH948
C2
R
C1
Fig.6 Loop filter.
KVCO = 16 MHz/V (UHF band)
ICP = 220 µA
C1 = 100 nF, C2 = 15 nF
df =
±67.5 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com