Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F615-E/SN Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC12F615-E/SN
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/SN Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC12F615-E/SN Datasheet HTML 61Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 62Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 63Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 64Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 65Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 66Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 67Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 68Page - Microchip Technology PIC12F615-E/SN Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 63
PIC12F609/615/12HV609/615
8.11
Comparator Hysteresis
Each comparator has built-in hysteresis that is user
enabled by setting the CMHYS bit of the CMCON1 reg-
ister. The hysteresis feature can help filter noise and
reduce multiple comparator output transitions when the
output is changing state.
Figure 8-7 shows the relationship between the analog
input levels and digital output of a comparator with and
without hysteresis. The output of the comparator
changes from a low state to a high state only when the
analog voltage at VIN+ rises above the upper hysteresis
threshold (VH+). The output of the comparator changes
from a high state to a low state only when the analog
voltage at VIN+ falls below the lower hysteresis
threshold (VH-).
FIGURE 8-7:
COMPARATOR HYSTERESIS
–
+
VIN+
VIN-
Output
Note:
The black areas of the comparator output represents the uncertainty due to input offsets and response time.
VH-
VH+
VIN-
V+
VIN+
Output
(Without Hysteresis)
Output
(With Hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com